Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2842IBJ-EE-T1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT2842IBJ-EE-T1
Description  High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2842IBJ-EE-T1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT2842IBJ-EE-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2842IBJ-EE-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2842IBJ-EE-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2842IBJ-EE-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2842IBJ-EE-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2842IBJ-EE-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT2842IBJ-EE-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT2842IBJ-EE-T1 Datasheet HTML 14Page - Advanced Analogic Technologies AAT2842IBJ-EE-T1 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AAT2842
High-Current Charge Pump with S2Cwire™
Control and Dual LDO for Backlight and Flash
2842.2006.10.1.0
11
The backlight and flash LED currents are controlled
by a combination of an external programming
resistor from BSET (for backlight) or FSET (for
flash) to AGND and the backlight or flash serial
S2Cwire interface BENS or FENS. The program-
ming resistor sets the maximum LED current for
each channel, and the serial S2Cwire interface con-
trols the LED current relative to the maximum.
To drive backlight LEDs with optimal absolute
accuracy and channel-to-channel matching, the
maximum output current is set to 30mA with a
280k
Ω resistor connected at the BSET pin of the
AAT2842. Depending upon the application and the
white LEDs chosen, the preferred method to
decrease the maximum BL output current is to use
a 280k
Ω resistor for RBSET and then set the desired
current output using the product's S2Cwire inter-
face, as shown in Table 1.
Using Backlight LED Outputs for
Low-Current LED Applications
The AAT2842's backlight current outputs can be pro-
grammed to drive lower current LEDs, such as those
used for keypad applications. For best low-current
accuracy and matching, the preferred method is to
use a 280k
Ω resistor for RBSET and then set the
desired current output using the product's S2Cwire
interface, as shown in Table 1.
If any one of the current sinks is not used, connect
the unused current sink to OUT. The current con-
troller monitors the current sink voltage and, if it is
connected to OUT, then it is assumed that the cur-
rent sink is not used or that the LED is shorted, and
the controller turns off that current sink.
S2Cwire Serial Interface
The S2Cwire serial interface records rising edges of
the EN/SET pin and decodes them into 16 different
states. The S2Cwire interface has flexible timing;
data can be clocked-in at speeds greater than
1MHz or much slower, such as 15kHz. After data is
submitted, EN/SET is held high to latch the data.
Once EN/SET has been held in the logic high state
for time TLAT, the programmed current becomes
active and the internal data register is reset to zero.
For subsequent current level programming, the
number of rising edges corresponding to the
desired code must be entered on the EN/SET pin.
The AAT2842 features separate control interfaces
for the backlight and flash current control. The
backlight current features 16 current steps, each as
a percentage of the maximum backlight current set
by the BSET resistance. The flash has 16 current
level settings, again as a percentage of the maxi-
mum flash current set by the FSET resistance (see
Tables 1 and 2). Initiating a flash current also initi-
ates the flash timer which is programmed via an
external capacitor CT.
Calculate the flash time T by the following equation:
where T is in seconds and CT is in µF.
For example, for a 0.1µF capacitor:
To disable the flash timer, connect CT to AGND.
Table 1: Backlight Current Register: BL1-BL4
(RBSET = 280kΩ
Ω).
Data
BL% of BSET
1
100
282
370
459
5
49.2
6
41.0
7
33.0
8
28.2
9
23.5
10
18.7
11
15.4
12
12.3
13
7.7
14
4.1
15
2.4
16
0.2
T = 10
× 0.1µF
= 1s
T = 10
× CT


Similar Part No. - AAT2842IBJ-EE-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2842IBJ-EE-T1 ANALOGICTECH-AAT2842IBJ-EE-T1 Datasheet
727Kb / 22P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
More results

Similar Description - AAT2842IBJ-EE-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2842 ANALOGICTECH-AAT2842_07 Datasheet
727Kb / 22P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT2846 ANALOGICTECH-AAT2846 Datasheet
858Kb / 25P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2846 ANALOGICTECH-AAT2846_08 Datasheet
1Mb / 22P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2856 ANALOGICTECH-AAT2856_08 Datasheet
404Kb / 18P
   High Current Charge Pump with Dual LDO for Backlight Applications
AAT2848 ANALOGICTECH-AAT2848 Datasheet
2Mb / 19P
   High-Current Charge Pump For Backlight Display and Flash Applications
AAT2856 ANALOGICTECH-AAT2856 Datasheet
491Kb / 22P
   High Current Charge Pump with Dual LDO for BacklightApplications
logo
Semtech Corporation
SC656 SEMTECH-SC656 Datasheet
547Kb / 17P
   Backlight Driver for 7 LEDs with Charge Pump and PWM Control
SC652 SEMTECH-SC652 Datasheet
287Kb / 16P
   Backlight Driver for 5 LEDs with Charge Pump and PWM Control
logo
SiGe Semiconductor, Inc...
AATIAN46 SIGE-AATIAN46 Datasheet
95Kb / 4P
   Multi-Mode Charge Pump For White LED Backlight and Flash Applications
logo
Advanced Analogic Techn...
AAT2801 ANALOGICTECH-AAT2801 Datasheet
747Kb / 20P
   Multi-Mode Charge Pump for White LED Backlight and Flash Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com