Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7623L-S08-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # A7623L-S08-T
Description  2횞75??DRIVER IC WITH 3 INTERNAL CIRCUITS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

A7623L-S08-T Datasheet(HTML) 3 Page - Unisonic Technologies

  A7623L-S08-T Datasheet HTML 1Page - Unisonic Technologies A7623L-S08-T Datasheet HTML 2Page - Unisonic Technologies A7623L-S08-T Datasheet HTML 3Page - Unisonic Technologies A7623L-S08-T Datasheet HTML 4Page - Unisonic Technologies A7623L-S08-T Datasheet HTML 5Page - Unisonic Technologies A7623L-S08-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
A7623
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R121-014,A
ABSOLUTE MAXIMUM RATINGS (Ta = 25 )
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage
VCC
8.0
V
Power Dissipation
550
mW
Derating Rate at Ta=25
°C
PD
5.5
°C/mW
Operating Temperature
TOPR
-25 ~ +75
°C
Storage Temperature
TSTG
-55 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(Ta = 25°C , VCC = 5V, VIN DC=2.1V and load is two system drive)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VCC
4.5
5.0
5.5
V
Supply Current
ICC
No signal
25.2
37.8
mA
Voltage Gain
GV
f = 1MHz, sine wave ,VIN = 2.0VP-P
-1.0
-0.5
0
dB
Maximum Output Level
VO(MAX) f = 1kHz, sine wave, THD = 1.0%
2.9
3.4
VP-P
Frequency Characteristic
CF
10MHz / 1MHz, sine wave ,VIN = 1.0VP-P
-3
0
1
dB
Inter Channel Crosstalk
CT
f = 4.43MHz, sine wave ,VIN = 2.0VP-P
-60
dB
Total Harmonic Distortion
THD
f = 1kHz, sine wave, VIN = 1.0VP-P
0.1
0.5
%
Differential Gain 75Ω Drive 1
DG1
0.4
1.0
%
Differential Phase 75Ω Drive 1
DP1
0.4
1.0
deg
Differential Gain 75Ω Drive 2
DG2
0.7
2.0
%
Differential Phase 75Ω Drive 2
DP2
VIN = 2.0VP-P, standard staircase signal
0.7
2.0
Deg


Similar Part No. - A7623L-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
A7623L-S08-T UTC-A7623L-S08-T Datasheet
130Kb / 6P
   DRIVER IC WITH 3 INTERNAL CIRCUITS
More results

Similar Description - A7623L-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
A7623 UTC-A7623_15 Datasheet
130Kb / 6P
   DRIVER IC WITH 3 INTERNAL CIRCUITS
logo
Rohm
BA7622F ROHM-BA7622F Datasheet
77Kb / 7P
   75??driver IC with 3 internal circuits
BA7623F ROHM-BA7623F Datasheet
68Kb / 6P
   75??driver IC with 3 internal circuits
logo
List of Unclassifed Man...
HX8609A ETC1-HX8609A Datasheet
138Kb / 2P
   240 Channel TFT Gate Driver with Internal Power IC
logo
Micrel Semiconductor
MIC3003GFL MICREL-MIC3003GFL Datasheet
752Kb / 74P
   FOM Management IC with Internal Calibration
MIC3003 MICREL-MIC3003_11 Datasheet
755Kb / 75P
   FOM Management IC with Internal Calibration
MIC3003 MICREL-MIC3003 Datasheet
755Kb / 75P
   FOM Management IC with Internal Calibration
logo
Rohm
BD6040GUL ROHM-BD6040GUL Datasheet
210Kb / 2P
   Charger Protection IC with Internal FET
logo
Micrel Semiconductor
MIC3001 MICREL-MIC3001 Datasheet
357Kb / 74P
   SFP Management IC with Internal Calibration
MIC3002 MICREL-MIC3002_10 Datasheet
1Mb / 65P
   FOM Management IC with Internal Calibration
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com