Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2845IML-EE-T1 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT2845IML-EE-T1
Description  Four-Channel Backlight Driver with Dual LDOs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2845IML-EE-T1 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT2845IML-EE-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2845IML-EE-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2845IML-EE-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2845IML-EE-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2845IML-EE-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2845IML-EE-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2845IML-EE-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2845IML-EE-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2845IML-EE-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AAT2845
Four-Channel Backlight Driver with Dual LDOs
2845.2006.12.1.0
5
Electrical Characteristics1
CIN = CO1 = CO2 = 2.2µF, C1 = C2 = 1.0µF, CBP = 0.1µF; TA = 25°C, unless otherwise noted. Typical values are
at TA = 25°C and VIN = 3.6V.
Symbol
Description
Conditions
Min
Typ
Max Units
LDOs
IIN
IN Operating Current
ENLDO = IN, EN/SET = AGND,
80
150
µA
No Load
VFB
Feedback Voltage
IOUT = 1mA to 200mA
1.17
1.2
1.23
V
VDO
Dropout Voltage
IOUT = 150mA
150
300
mV
ΔVOUT/
Line Regulation
VIN = (VOUT + 1V) to 5.0V
0.09
%/V
VOUT*ΔVIN
PSRR
Power Supply Rejection Ratio
IOUT =10mA, 1kHz
50
dB
LDO Logic Control
VIL
EN/SET, ENLDO Pins Logic
0.4
V
Low Threshold
VIH
EN/SET, ENLDO Pins Logic High
1.4
V
Threshold
1. The AAT2845 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured
by design, characterization, and correlation with statistical process controls.


Similar Part No. - AAT2845IML-EE-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2845IML-EE-T1 ANALOGICTECH-AAT2845IML-EE-T1 Datasheet
1Mb / 19P
   Four-Channel Backlight Driver with Dual LDOs
More results

Similar Description - AAT2845IML-EE-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2845 ANALOGICTECH-AAT2845_08 Datasheet
1Mb / 19P
   Four-Channel Backlight Driver with Dual LDOs
AAT2847 ANALOGICTECH-AAT2847_08 Datasheet
706Kb / 20P
   Four-Channel Backlight Driver with Dual LDOs
AAT2845A ANALOGICTECH-AAT2845A Datasheet
461Kb / 19P
   Four-Channel Backlight Driver with Dual LDOs
AAT2847 ANALOGICTECH-AAT2847 Datasheet
382Kb / 20P
   Four-Channel Backlight Driver with Dual LDOs
logo
SiGe Semiconductor, Inc...
AATIAN51 SIGE-AATIAN51 Datasheet
180Kb / 5P
   4-Channel Backlight Driver with Dual LDOs
logo
Texas Instruments
LM3537 TI1-LM3537_13 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel WLED Driver with Four Integrated LDOs
LM3538 TI1-LM3538_13 Datasheet
1Mb / 31P
[Old version datasheet]   6-Channel WLED Driver with Four Integrated LDOs
LM3537 TI1-LM3537 Datasheet
1,014Kb / 30P
[Old version datasheet]   LM3537 8-Channel WLED Driver with Four Integrated LDOs
LM3538 TI1-LM3538 Datasheet
1,010Kb / 28P
[Old version datasheet]   LM3538 6-Channel WLED Driver with Four Integrated LDOs
logo
Analog Devices
ADM8843 AD-ADM8843_15 Datasheet
284Kb / 16P
   Four White LED Backlight Driver
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com