Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3670 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT3670
Description  1.6A Dynamic Battery Charger and Power Manager
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3670 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT3670 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Electrical Characteristics (continued)
VADP = 5V, TA = -25°C to +85°C; unless otherwise noted, typical values are TA = 25°C.
Symbol Description
Conditions
Min
Typ
Max
Units
Current Regulation (continued)
VADPLIM
ADPLIM Pin Voltage Regulation
2
V
VUSBLIM
USBLIM Pin Voltage Regulation
2
V
VADPSET
ADPSET Pin Voltage Regulation
2
V
VUSBSET
USBSET Pin Voltage Regulation
2
V
VTERM
TERM Pin Voltage Regulation
2
V
KI_CC_ADP
Constant Current Charge Current Set Factor:
29300
ICH_ADP/IADPSET
KI_CC_USBH
Constant Current Charge Current Set Factor:
USBSEL = 5V
17900
ICH_USB/IUSBSET
KI_CC_USBL
Constant Current Charge Current Set Factor:
USBSEL=0V
3600
ICH_USB/IUSBSET
KI_LIM_ADP Current Limit Set Factor: ILIM_ADP/IADPLIM
27800
KI_LIM_USBH Current Limit Set Factor: ILIM_USB/IUSBLIM
USBSEL = 5V
17600
KI_LIM_USBL Current Limit Set Factor: ILIM_USB/IUSBLIM
USBSEL = 0V
3500
KI_TERM
Termination Current Set Factor: ICH_TERM/ITERM
2000
Logic Control/Protection
VEN
Input High Threshold
1.6
V
VEN
Input Low Threshold
0.4
V
VSTATx
Output Low Voltage
/STATx Pin
0.4
V
Sinks 8mA
TC
Fast Charge (Constant Current and Constant
CCT =
ADP
6
hour
Voltage Charges Together) Timeout
100nF USB
infinite
TTKL
Trickle Charge Timeout
ADP
Tc/8
USB
infinite
VOVP
Battery Over-Voltage Protection
VBAT_EOC +VBAT_EOC +VBAT_EOC +
V
Threshold
0.1
0.15
0.2
IOCP
Battery Charge Over-Current
In All Modes
100
%ICH_CC
Protection Threshold
IVTS
VTS Sourcing Capability
VVTS = 2.5V
1
mA
AAT3670
1.6A Dynamic Battery Charger
and Power Manager
3670.2007.02.1.1
7


Similar Part No. - AAT3670

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3670 ANALOGICTECH-AAT3670 Datasheet
546Kb / 31P
   1.6A Dynamic Battery Charger and Power Manager
AAT3670ISK-4.2-T1 ANALOGICTECH-AAT3670ISK-4.2-T1 Datasheet
546Kb / 31P
   1.6A Dynamic Battery Charger and Power Manager
AAT3670 ANALOGICTECH-AAT3670_08 Datasheet
546Kb / 31P
   1.6A Dynamic Battery Charger and Power Manager
More results

Similar Description - AAT3670

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT3673 SKYWORKS-AAT3673 Datasheet
3Mb / 28P
   1.6A Dynamic Battery Charger and Power Manager
AAT3672 SKYWORKS-AAT3672 Datasheet
3Mb / 27P
   1.6A Dynamic Battery Charger and Power Manager
logo
Advanced Analogic Techn...
AAT3670 ANALOGICTECH-AAT3670_08 Datasheet
546Kb / 31P
   1.6A Dynamic Battery Charger and Power Manager
logo
Linear Technology
LTC4040 LINER-LTC4040 Datasheet
347Kb / 6P
   Battery Charger and Backup Power Manager
LTC4091 LINER-LTC4091 Datasheet
629Kb / 26P
   36V Battery Charger and Power Backup Manager
LTC4000EGN LINER-LTC4000EGN Datasheet
2Mb / 12P
   Battery Charger Controller and PowerPath Manager
LTC4088 LINER-LTC4088_15 Datasheet
311Kb / 24P
   High Efficiency Battery Charger/USB Power Manager
logo
Active-Semi, Inc
ACT2823 ACTIVE-SEMI-ACT2823 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
ACT2823 ACTIVE-SEMI-ACT2823_16 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
logo
ON Semiconductor
NCP1851FCCT1G ONSEMI-NCP1851FCCT1G Datasheet
124Kb / 2P
   Smallest 1.6A High Innovation Switching Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com