Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3670 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT3670
Description  1.6A Dynamic Battery Charger and Power Manager
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3670 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT3670 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Typical Characteristics
End of Charge Voltage vs. Temperature
Temperature (
°°C)
4.16
4.18
4.20
4.22
4.24
-40
-15
10
35
60
85
USBH
USBL
ADP
End of Charge Voltage vs. Supply Voltage
Supply Voltage (V)
4.16
4.18
4.20
4.22
4.24
4.5
4.75
5.0
5.25
5.5
ADP
USBH
USBL
USB Mode Supply Current vs. USBSET Resistor
(USBH; VIN = 5V; VBAT = 3.5V)
USBSET Resistor (k
Ω
Ω)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
10
100
1000
I
CCM
I
TRICKLE
USB Mode Supply Current vs. USBSET Resistor
(USBL; VIN = 5V; VBAT = 3.5V)
USBSET Resistor (k
Ω
Ω)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
10
100
1000
ICCM
ITRICKLE
Adapter Mode Supply Current vs. ADPSET Resistor
(VIN = 5V; VBAT = 3.5V)
ADPSET Resistor (k
Ω
Ω)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
10
100
1000
ICCM
ITRICKLE
Constant Current vs. Set Resistor
(VIN = 5V; VBAT = 3.5V)
Set Resistor (k
Ω
Ω)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
10
100
1000
ADP
USBL
USBH
AAT3670
1.6A Dynamic Battery Charger
and Power Manager
3670.2007.02.1.1
9


Similar Part No. - AAT3670

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3670 ANALOGICTECH-AAT3670 Datasheet
546Kb / 31P
   1.6A Dynamic Battery Charger and Power Manager
AAT3670ISK-4.2-T1 ANALOGICTECH-AAT3670ISK-4.2-T1 Datasheet
546Kb / 31P
   1.6A Dynamic Battery Charger and Power Manager
AAT3670 ANALOGICTECH-AAT3670_08 Datasheet
546Kb / 31P
   1.6A Dynamic Battery Charger and Power Manager
More results

Similar Description - AAT3670

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT3673 SKYWORKS-AAT3673 Datasheet
3Mb / 28P
   1.6A Dynamic Battery Charger and Power Manager
AAT3672 SKYWORKS-AAT3672 Datasheet
3Mb / 27P
   1.6A Dynamic Battery Charger and Power Manager
logo
Advanced Analogic Techn...
AAT3670 ANALOGICTECH-AAT3670_08 Datasheet
546Kb / 31P
   1.6A Dynamic Battery Charger and Power Manager
logo
Linear Technology
LTC4040 LINER-LTC4040 Datasheet
347Kb / 6P
   Battery Charger and Backup Power Manager
LTC4091 LINER-LTC4091 Datasheet
629Kb / 26P
   36V Battery Charger and Power Backup Manager
LTC4000EGN LINER-LTC4000EGN Datasheet
2Mb / 12P
   Battery Charger Controller and PowerPath Manager
LTC4088 LINER-LTC4088_15 Datasheet
311Kb / 24P
   High Efficiency Battery Charger/USB Power Manager
logo
Active-Semi, Inc
ACT2823 ACTIVE-SEMI-ACT2823 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
ACT2823 ACTIVE-SEMI-ACT2823_16 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
logo
ON Semiconductor
NCP1851FCCT1G ONSEMI-NCP1851FCCT1G Datasheet
124Kb / 2P
   Smallest 1.6A High Innovation Switching Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com