Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3670 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3670
Description  1.6A Dynamic Battery Charger and Power Manager
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3670 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3670 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3670 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Typical Characteristics
Constant Charging Current vs. Supply Voltage
(USBL; CHRUSB = USB; USBSET = 71.5k
Ω
Ω)
Supply Voltage (V)
0
20
40
60
80
100
120
4.0
4.5
5.0
5.5
6.0
VBAT = 3.3V
VBAT = 3.6V
VBAT = 3.9V
Constant Charging Current vs. Supply Voltage
(USBL; CHRUSB = Open; USBSET = 71.5k
Ω
Ω)
Supply Voltage (V)
0
20
40
60
80
100
120
4.0
4.5
5.0
5.5
6.0
VBAT = 3.3V, 3.6V
VBAT = 3.9V
Constant Charging Current vs. Supply Voltage
(ADP; CHRADP = USB; ADPSET = 57.6k
Ω
Ω)
Supply Voltage (V)
0
200
400
600
800
1000
1200
4.0
4.5
5.0
5.5
6.0
VBAT = 3.9V
VBAT = 3.6V
VBAT = 3.3V
Constant Charging Current vs. Supply Voltage
(ADP; CHRADP = Open; ADPSET = 57.6k
Ω
Ω)
Supply Voltage (V)
0
200
400
600
800
1000
1200
4.0
4.5
5.0
5.5
6.0
VBAT = 3.3V, 3.6V, 3.9V
Constant Charge Current vs. Temperature
(VIN = 5.0V)
Temperature (
°°C)
0
100
200
300
400
500
600
700
800
900
1000
1100
-40
-15
10
35
60
85
ADP
USBL
USBH
Charging Current vs. Battery Voltage
(USBL; USBSET = 71.5K
Ω
Ω)
Battery Voltage (V)
0
20
40
60
80
100
120
2.5
2.9
3.3
3.7
4.1
4.5
AAT3670
1.6A Dynamic Battery Charger
and Power Manager
3670.2007.02.1.1
11


Similar Part No. - AAT3670

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3670 ANALOGICTECH-AAT3670 Datasheet
546Kb / 31P
   1.6A Dynamic Battery Charger and Power Manager
AAT3670ISK-4.2-T1 ANALOGICTECH-AAT3670ISK-4.2-T1 Datasheet
546Kb / 31P
   1.6A Dynamic Battery Charger and Power Manager
AAT3670 ANALOGICTECH-AAT3670_08 Datasheet
546Kb / 31P
   1.6A Dynamic Battery Charger and Power Manager
More results

Similar Description - AAT3670

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT3673 SKYWORKS-AAT3673 Datasheet
3Mb / 28P
   1.6A Dynamic Battery Charger and Power Manager
AAT3672 SKYWORKS-AAT3672 Datasheet
3Mb / 27P
   1.6A Dynamic Battery Charger and Power Manager
logo
Advanced Analogic Techn...
AAT3670 ANALOGICTECH-AAT3670_08 Datasheet
546Kb / 31P
   1.6A Dynamic Battery Charger and Power Manager
logo
Linear Technology
LTC4040 LINER-LTC4040 Datasheet
347Kb / 6P
   Battery Charger and Backup Power Manager
LTC4091 LINER-LTC4091 Datasheet
629Kb / 26P
   36V Battery Charger and Power Backup Manager
LTC4000EGN LINER-LTC4000EGN Datasheet
2Mb / 12P
   Battery Charger Controller and PowerPath Manager
LTC4088 LINER-LTC4088_15 Datasheet
311Kb / 24P
   High Efficiency Battery Charger/USB Power Manager
logo
Active-Semi, Inc
ACT2823 ACTIVE-SEMI-ACT2823 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
ACT2823 ACTIVE-SEMI-ACT2823_16 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
logo
ON Semiconductor
NCP1851FCCT1G ONSEMI-NCP1851FCCT1G Datasheet
124Kb / 2P
   Smallest 1.6A High Innovation Switching Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com