Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC4066SJ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MM74HC4066SJ
Description  Quad Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC4066SJ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MM74HC4066SJ Datasheet HTML 1Page - Fairchild Semiconductor MM74HC4066SJ Datasheet HTML 2Page - Fairchild Semiconductor MM74HC4066SJ Datasheet HTML 3Page - Fairchild Semiconductor MM74HC4066SJ Datasheet HTML 4Page - Fairchild Semiconductor MM74HC4066SJ Datasheet HTML 5Page - Fairchild Semiconductor MM74HC4066SJ Datasheet HTML 6Page - Fairchild Semiconductor MM74HC4066SJ Datasheet HTML 7Page - Fairchild Semiconductor MM74HC4066SJ Datasheet HTML 8Page - Fairchild Semiconductor MM74HC4066SJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
VCC = 2.0V−6.0V VEE = 0V−12V, CL = 50 pF (unless otherwise specified)
Note 6: Adjust 0 dBm for F
= 1 kHz (Null R
L/RON Attenuation).
Note 7: VIS is centered at VCC/2.
Note 8: Adjust input for 0 dBm.
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
tPHL, tPLH Maximum Propagation
2.0V
25
50
30
75
ns
Delay Switch In to Out
4.5V
5
10
13
15
ns
9.0V
4
8
10
12
ns
12.0V
3
7
11
13
ns
tPZL, tPZH Maximum Switch Turn
RL = 1 kΩ
2.0V
30
100
125
150
ns
“ON” Delay
4.5V
12
20
25
30
ns
9.0V
6
12
15
18
ns
12.0V
5
10
13
15
ns
tPHZ, tPLZ Maximum Switch Turn
RL = 1 kΩ
2.0V
60
168
210
252
ns
“OFF” Delay
4.5V
25
36
45
54
ns
9.0V
20
32
40
48
ns
12.0V
15
30
38
45
fMAX
Minimum Frequency
RL = 600Ω
4.5V
40
MHz
Response (Figure 7)
VIS = 2 VPP at (VCC/2)
9.0V
100
MHz
20 log (VO/VI) = −3 dB
(Note 6) (Note 7)
Crosstalk Between
RL = 600Ω, F = 1 MHz
any Two Switches
(Note 7) (Note 8)
4.5V
−52
dB
(Figure 8)
9.0V
−50
dB
Peak Control to Switch
RL = 600Ω, F = 1 MHz
4.5V
100
mV
Feedthrough Noise (Figure 9)
CL = 50 pF
9.0V
250
mV
Switch OFF Signal
RL = 600Ω, F = 1 MHz
Feedthrough
V(CT)VIL
Isolation
(Note 7) (Note 8)
4.5V
−42
dB
(Figure 10)
9.0V
−44
dB
THD
Total Harmonic
RL = 10 kΩ, CL = 50 pF,
Distortion
F
= 1 kHz
(Figure 11)
VIS = 4 VPP
4.5V
.013
%
VIS = 8 VPP
9.0V
.008
%
CIN
Maximum Control
5
10
10
10
pF
Input Capacitance
CIN
Maximum Switch
20
pF
Input Capacitance
CIN
Maximum Feedthrough
VCTL = GND
0.5
pF
Capacitance
CPD
Power Dissipation
15
pF
Capacitance


Similar Part No. - MM74HC4066SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4066SJ FAIRCHILD-MM74HC4066SJ Datasheet
122Kb / 10P
   Quad Analog Switch
More results

Similar Description - MM74HC4066SJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4066BC ROHM-BU4066BC_14 Datasheet
1Mb / 20P
   Quad-Analog Switch
logo
Fairchild Semiconductor
MM74HC4066 FAIRCHILD-MM74HC4066 Datasheet
122Kb / 10P
   Quad Analog Switch
logo
Rohm
BU4066BC ROHM-BU4066BC Datasheet
91Kb / 5P
   Quad analog switch
logo
National Semiconductor ...
MM54HC4016 NSC-MM54HC4016 Datasheet
171Kb / 8P
   Quad Analog Switch
logo
Fairchild Semiconductor
74VHC4066 FAIRCHILD-74VHC4066_05 Datasheet
122Kb / 9P
   Quad Analog Switch
74VHC4066 FAIRCHILD-74VHC4066 Datasheet
106Kb / 9P
   Quad Analog Switch
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com