Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HCT00MTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HCT00MTC
Description  Quad 2 Input NAND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HCT00MTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HCT00MTC Datasheet HTML 1Page - Fairchild Semiconductor MM74HCT00MTC Datasheet HTML 2Page - Fairchild Semiconductor MM74HCT00MTC Datasheet HTML 3Page - Fairchild Semiconductor MM74HCT00MTC Datasheet HTML 4Page - Fairchild Semiconductor MM74HCT00MTC Datasheet HTML 5Page - Fairchild Semiconductor MM74HCT00MTC Datasheet HTML 6Page - Fairchild Semiconductor MM74HCT00MTC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
DS005356
www.fairchildsemi.com
February 1984
Revised January 2005
MM74HCT00
Quad 2 Input NAND Gate
General Description
The MM74HCT00 is a NAND gates fabricated using
advanced silicon-gate CMOS technology which provides
the inherent benefits of CMOS—low quiescent power and
wide power supply range. This device is input and output
characteristic and pin-out compatible with standard 74LS
logic families. All inputs are protected from static discharge
damage by internal diodes to VCC and ground.
MM74HCT devices are intended to interface between TTL
and NMOS components and standard CMOS devices.
These parts are also plug-in replacements for LS-TTL
devices and can be used to reduce power consumption in
existing designs.
Features
s TTL, LS pin-out and threshold compatible
s Fast switching: tPLH, tPHL=14 ns (typ)
s Low power: 10
µW at DC
s High fan out, 10 LS-TTL loads
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Connection Diagram
Pin Assignments for DIP, SOIC, SOP and TSSOP
Top View
Logic Diagram
(1 of 4 gates)
Order Number
Package
Package Description
Number
MM74HCT00M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
MM74HCT00MX_NL
M14A
Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
MM74HCT00SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HCT00MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HCT00MTCX_NL
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
MM74HCT00N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
MM74HCT00N_NL
N14A
Pb-Free 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - MM74HCT00MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HCT00MTC FAIRCHILD-MM74HCT00MTC Datasheet
79Kb / 6P
   Quad 2 Input NAND Gate
logo
ON Semiconductor
MM74HCT00MTC ONSEMI-MM74HCT00MTC Datasheet
230Kb / 8P
   Quad 2 Input NAND Gate
February 2008 Rev. 1.3.0
More results

Similar Description - MM74HCT00MTC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com