Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HCT245 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MM74HCT245
Description  Octal 3-STATE Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HCT245 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MM74HCT245 Datasheet HTML 1Page - Fairchild Semiconductor MM74HCT245 Datasheet HTML 2Page - Fairchild Semiconductor MM74HCT245 Datasheet HTML 3Page - Fairchild Semiconductor MM74HCT245 Datasheet HTML 4Page - Fairchild Semiconductor MM74HCT245 Datasheet HTML 5Page - Fairchild Semiconductor MM74HCT245 Datasheet HTML 6Page - Fairchild Semiconductor MM74HCT245 Datasheet HTML 7Page - Fairchild Semiconductor MM74HCT245 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: Absolute Maximum Ratings are those values beyond which dam-
age to the device may occur.
Note 2: Unless otherwise specified all voltages are referenced to ground.
Note 3: Power Dissipation temperature derating — plastic “N” package:

12 mW/
qC from 65qC to 85qC.
DC Electrical Characteristics
(VCC 5V r 10%, unless otherwise specified.)
Note 4: Measured per input. All other inputs at VCC or ground.
Supply Voltage (VCC)
0.5 to 7.0V
DC Input Voltage (VIN)
1.5 to VCC 1.5V
DC Output Voltage (VOUT)
0.5 to VCC 0.5V
Clamp Diode Current (IIK, IOK)
r20 mA
DC Output Current,
r35 mA
DC VCC or GND Current, per pin (ICC)
r70 mA
Storage Temperature Range (TSTG)
65qC to 150qC
Power Dissipation (PD)
(Note 3)
600 mW
S.O. Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260
qC
Min
Max
Units
Supply Voltage (VCC)4.5
5.5
V
DC Input or Output Voltage
(VIN, VOUT)0
VCC
V
Operating Temperature Range (TA)
40
85
qC
Input Rise or Fall Times
(tr, tf)
500
ns
Symbol
Parameter
Conditions
TA 25qCTA 40 to 85qCTA 55 to 125qC
Units
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
2.0
2.0
2.0
V
Input Voltage
VIL
Maximum LOW Level
0.8
0.8
0.8
V
Input Voltage
VOH
Minimum HIGH Level
VIN VIH or VIL
Output Voltage
|IOUT| 20 PAVCC
VCC 0.1
VCC 0.1
VCC 0.1
V
|IOUT| 6.0 mA, VCC 4.5V
4.2
3.98
3.84
3.7
V
|IOUT| 7.2 mA, VCC 5.5V
5.2
4.98
4.84
4.7
V
VOL
Maximum LOW Level
VIN VIH or VIL
Voltage
|IOUT| 20 PA0
0.1
0.1
0.1
V
|IOUT| 6.0 mA, VCC 4.5V
0.2
0.26
0.33
0.4
V
|IOUT| 7.2 mA, VCC 5.5V
0.2
0.26
0.33
0.4
V
IIN
Maximum Input
VIN VCC or GND,
r0.1
r1.0
r1.0
PA
Current
VIH or VIL, Pin 1 or 19
IOZ
Maximum 3-STATE
VOUT VCC or GND
r0.5
r5.0
r10
PA
Output Leakage
G
VIH
Current
ICC
Maximum Quiescent
VIN VCC or GND
8
80
160
PA
Supply Current
IOUT 0 PA
VIN 2.4V or 0.5V (Note 4)
0.6
1.0
1.3
1.5
mA


Similar Part No. - MM74HCT245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HCT245 FAIRCHILD-MM74HCT245 Datasheet
103Kb / 7P
   Octal 3-STATE Transceiver
logo
ON Semiconductor
MM74HCT245 ONSEMI-MM74HCT245 Datasheet
213Kb / 10P
   Octal 3-STATE Transceiver
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT245MTC FAIRCHILD-MM74HCT245MTC Datasheet
103Kb / 7P
   Octal 3-STATE Transceiver
logo
ON Semiconductor
MM74HCT245MTC ONSEMI-MM74HCT245MTC Datasheet
213Kb / 10P
   Octal 3-STATE Transceiver
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT245N FAIRCHILD-MM74HCT245N Datasheet
103Kb / 7P
   Octal 3-STATE Transceiver
More results

Similar Description - MM74HCT245

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM74HC245A ONSEMI-MM74HC245A Datasheet
212Kb / 10P
   Octal 3-STATE Transceiver
Revised May 2005
logo
Nexperia B.V. All right...
74F245 NEXPERIA-74F245 Datasheet
213Kb / 11P
   Octal transceiver (3-State)
November 15, 1994
logo
Fairchild Semiconductor
DM74ALS5245 FAIRCHILD-DM74ALS5245 Datasheet
78Kb / 7P
   Octal 3-STATE Transceiver
logo
NXP Semiconductors
74F245 PHILIPS-74F245 Datasheet
91Kb / 10P
   Octal transceiver 3-State
1994 Nov 15
logo
ON Semiconductor
MM74HCT245 ONSEMI-MM74HCT245 Datasheet
213Kb / 10P
   Octal 3-STATE Transceiver
Revised May 2005
logo
NXP Semiconductors
74ALS245A PHILIPS-74ALS245A Datasheet
116Kb / 10P
   Octal transceiver 3-State
1991 Jun 03
logo
Fairchild Semiconductor
MM74HC245A FAIRCHILD-MM74HC245A Datasheet
94Kb / 8P
   Octal 3-STATE Transceiver
MM74HCT245 FAIRCHILD-MM74HCT245 Datasheet
103Kb / 7P
   Octal 3-STATE Transceiver
logo
NXP Semiconductors
74F1245 PHILIPS-74F1245 Datasheet
86Kb / 10P
   Octal transceiver 3-State
1995 Mar 01
74ALS645A PHILIPS-74ALS645A Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com