Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HCT540 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MM74HCT540
Description  Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HCT540 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MM74HCT540 Datasheet HTML 1Page - Fairchild Semiconductor MM74HCT540 Datasheet HTML 2Page - Fairchild Semiconductor MM74HCT540 Datasheet HTML 3Page - Fairchild Semiconductor MM74HCT540 Datasheet HTML 4Page - Fairchild Semiconductor MM74HCT540 Datasheet HTML 5Page - Fairchild Semiconductor MM74HCT540 Datasheet HTML 6Page - Fairchild Semiconductor MM74HCT540 Datasheet HTML 7Page - Fairchild Semiconductor MM74HCT540 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
MM74HCT540: VCC 5.0V, tr tf 6 ns, TA 25qC, (unless otherwise specified)
AC Electrical Characteristics
MM74HCT540: VCC 5.0V r 10%, tr tf 6 ns (unless otherwise specified)
Note 5: CPD determines the no load dynamic power consumption, PD CPD VCC2 f  ICC VCC,and the no load dynamic current consumption,
IS CPD VCC f  ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limits
tPHL, tPLH
Maximum Output
CL 45 pF
12
18
ns
Propagation Delay
tPZL, tPZH
Maximum Output
CL 45 pF
14
28
ns
Enable Time
RL 1 k:
tPLZ, tPHZ
Maximum Output
CL 5 pF
13
25
ns
Disable Time
RL 1 k:
Symbol
Parameter
Conditions
TA 25qCTA 40 to 85qCTA 55 to 125qC
Units
Typ
Guaranteed Limits
tPHL, tPLH Maximum Output
CL 50 pF
12
20
25
30
ns
Propagation Delay
CL 150 pF
22
30
38
45
ns
tPZH, tPZL Maximum Output
RL 1 k:
CL 50 pF
15
30
38
45
ns
Enable Time
CL 150 pF
20
40
50
60
ns
tPHZ, tPLZ Maximum Output
RL 1 k:
15
30
38
45
ns
Disable Time
CL 50 pF
tTHL, tTLH Maximum Output
CL 50 pF
6
12
15
18
ns
Rise and Fall Time
CIN
Maximum Input
5
10
10
10
pF
Capacitance
COUT
Maximum Output
15
20
20
20
pF
Capacitance
CPD
Power Dissipation
(per output)
G
VCC
12
pF
Capacitance (Note 5)
G
GND
50
pF


Similar Part No. - MM74HCT540

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
logo
ON Semiconductor
MM74HCT540 ONSEMI-MM74HCT540 Datasheet
286Kb / 13P
   Inverting Octal 3-STATE Buffer
June 2007 Rev. 1.3
logo
Fairchild Semiconductor
MM74HCT540MTC FAIRCHILD-MM74HCT540MTC Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540MTC FAIRCHILD-MM74HCT540MTC Datasheet
283Kb / 11P
   MM74HCT540, Inverting Octal 3-STATE Buffer MM74HCT541, Octal 3-STATE Buffer
logo
ON Semiconductor
MM74HCT540MTC ONSEMI-MM74HCT540MTC Datasheet
286Kb / 13P
   Inverting Octal 3-STATE Buffer
June 2007 Rev. 1.3
More results

Similar Description - MM74HCT540

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_07 Datasheet
283Kb / 11P
   MM74HCT540, Inverting Octal 3-STATE Buffer MM74HCT541, Octal 3-STATE Buffer
logo
NXP Semiconductors
74ABT540 PHILIPS-74ABT540 Datasheet
111Kb / 10P
   Octal buffer, inverting (3-State)
1998 Jan 16
logo
ON Semiconductor
MM74HCT540 ONSEMI-MM74HCT540 Datasheet
286Kb / 13P
   Inverting Octal 3-STATE Buffer
June 2007 Rev. 1.3
logo
Fairchild Semiconductor
MM74HC240 FAIRCHILD-MM74HC240 Datasheet
89Kb / 8P
   Inverting Octal 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com