Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC211-M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MOC211-M
Description  SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC211-M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MOC211-M Datasheet HTML 1Page - Fairchild Semiconductor MOC211-M Datasheet HTML 2Page - Fairchild Semiconductor MOC211-M Datasheet HTML 3Page - Fairchild Semiconductor MOC211-M Datasheet HTML 4Page - Fairchild Semiconductor MOC211-M Datasheet HTML 5Page - Fairchild Semiconductor MOC211-M Datasheet HTML 6Page - Fairchild Semiconductor MOC211-M Datasheet HTML 7Page - Fairchild Semiconductor MOC211-M Datasheet HTML 8Page - Fairchild Semiconductor MOC211-M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
6/15/05
Page 3 of 10
© 2005 Fairchild Semiconductor Corporation
SMALL OUTLINE OPTOCOUPLERS
TRANSISTOR OUTPUT
MOC211-M
MOC212-M
MOC213-M
** Typical values at TA = 25°C
1. Isolation Surge Voltage, VISO, is an internal device dielectric breakdown rating.
2. For this test, Pins 1 and 2 are common and Pins 5, 6 and 7 are common.
3. VISO rating of 2500 VAC(rms) for t = 1 min. is equivalent to a rating of 3,000 VAC(rms) for t = 1 sec.
4. Current Transfer Ratio (CTR) = IC/IF x 100%.
ELECTRICAL CHARACTERISTICS (TA = 25°C Unless otherwise specified)
Parameter
Test Conditions
Symbol
Min
Typ**
Max
Unit
EMITTER
Input Forward Voltage
(IF = 10 mA)
VF
1.15
1.5
V
Reverse Leakage Current
(VR = 6.0 V)
IR
0.001
100
µA
Input Capacitance
CIN
—18—
pF
DETECTOR
Collector-Emitter Dark Current
(VCE = 10 V, TA = 25°C)
(VCE = 10 V, TA = 100°C)
ICEO1
ICEO2
1.0
1.0
50
nA
µA
Collector-Emitter Breakdown Voltage
(IC = 100 µA)
BVCEO
30
100
V
Emitter-Collector Breakdown Voltage
(IE = 100 µA)
BVECO
7.0
10
V
Collector-Emitter Capacitance
(f = 1.0 MHz, VCE = 0)
CCE
7.0
pF
COUPLED
Collector-Output Current(4)
MOC211-M
MOC212-M
MOC213-M
(IF = 10 mA, VCE = 10 V)
CTR
20
50
100
%
Isolation Surge Voltage(1,2,3)
f = (60 Hz AC Peak, t = 1 min.)
VISO
2500
Vac(rms)
Isolation Resistance(2)
(V = 500 V)
RISO
1011
——
Collector-Emitter Saturation Voltage
(IC = 2.0 mA, IF = 10 mA) VCE (sat)
——
0.4
V
Isolation Capacitance(2)
(V = 0 V, f = 1 MHz)
CISO
0.2
pF
Turn-On Time
(IC = 2.0 mA, VCC = 10 V,
RL = 100 Ω) (Fig. 6)
ton
7.5
µs
Turn-Off Time
(IC = 2.0 mA, VCC = 10 V,
RL = 100 Ω) (Fig. 6)
toff
5.7
µs
Rise Time
(IC = 2.0 mA, VCC = 10 V,
RL = 100 Ω) (Fig. 6)
tr
3.2
µs
Fall Time
(IC = 2.0 mA, VCC = 10 V,
RL = 100 Ω) (Fig. 6)
tf
4.7
µs


Similar Part No. - MOC211-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC211-M FAIRCHILD-MOC211-M Datasheet
499Kb / 9P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
More results

Similar Description - MOC211-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC207M FAIRCHILD-MOC207M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
MOC205 FAIRCHILD-MOC205 Datasheet
520Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC211 FAIRCHILD-MOC211 Datasheet
499Kb / 9P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC205-M FAIRCHILD-MOC205-M Datasheet
518Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC207R1M FAIRCHILD-MOC207R1M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
MOC207R2M FAIRCHILD-MOC207R2M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
MOC223 FAIRCHILD-MOC223 Datasheet
361Kb / 7P
   SMALL OUTLINE OPTOCOUPLERS DARLINGTON OUTPUT
MOC223-M FAIRCHILD-MOC223-M Datasheet
503Kb / 9P
   Small Outline Optocouplers Darlington Output
MOC213R2M FAIRCHILD-MOC213R2M Datasheet
2Mb / 10P
   Small Ouline Optocouplers Transistor Output
MOC212M FAIRCHILD-MOC212M Datasheet
2Mb / 10P
   Small Ouline Optocouplers Transistor Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com