Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC216-M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MOC216-M
Description  SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC216-M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MOC216-M Datasheet HTML 1Page - Fairchild Semiconductor MOC216-M Datasheet HTML 2Page - Fairchild Semiconductor MOC216-M Datasheet HTML 3Page - Fairchild Semiconductor MOC216-M Datasheet HTML 4Page - Fairchild Semiconductor MOC216-M Datasheet HTML 5Page - Fairchild Semiconductor MOC216-M Datasheet HTML 6Page - Fairchild Semiconductor MOC216-M Datasheet HTML 7Page - Fairchild Semiconductor MOC216-M Datasheet HTML 8Page - Fairchild Semiconductor MOC216-M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
6/15/05
Page 1 of 9
© 2005 Fairchild Semiconductor Corporation
SMALL OUTLINE SURFACE MOUNT
PHOTOTRANSISTOR OPTOCOUPLERS
MOC215-M
MOC216-M
MOC217-M
DESCRIPTION
These devices consist of a gallium arsenide infrared emitting diode optically coupled to a
monolithic silicon phototransistor detector, in a surface mountable, small outline, plastic
package. They are ideally suited for high density applications, and eliminate the need for
through–the–board mounting.
FEATURES
UL Recognized (File #E90700, Volume 2)
VDE Recognized (File #13616) (add option “V” for VDE approval, i.e., MOC215V-M)
Convenient Plastic SOIC–8 Surface Mountable Package Style
•Low LED Input Current Required, for Easier Logic Interfacing
Standard SOIC–8 Footprint, with 0.050” Lead Spacing
Compatible with Dual Wave, Vapor Phase and IR Reflow Soldering
High Input–Output Isolation of 2500 Vac (rms) Guaranteed
APPLICATIONS
•Low power Logic Circuits
Interfacing and coupling systems of different potentials and impedances
•Telecommunications equipment
•Portable electronics
Marking Information:
MOC215-M = 215
MOC216-M = 216
MOC217-M = 217
BASE
N/C
ANODE
CATHODE
1
2
3
4
5
6
7
8
EMITTER
COLLECTOR
N/C
N/C


Similar Part No. - MOC216-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC216-M FAIRCHILD-MOC216-M Datasheet
495Kb / 9P
   SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - MOC216-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC215 FAIRCHILD-MOC215 Datasheet
495Kb / 9P
   SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS
MOCD213-M FAIRCHILD-MOCD213-M Datasheet
495Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD213-M FAIRCHILD-MOCD213-M_05 Datasheet
494Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD206M FAIRCHILD-MOCD206M Datasheet
106Kb / 7P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD223M FAIRCHILD-MOCD223M Datasheet
2Mb / 10P
   Dual-channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD208R2M FAIRCHILD-MOCD208R2M Datasheet
2Mb / 9P
   Dual-channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD223-M FAIRCHILD-MOCD223-M Datasheet
498Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD213R2M FAIRCHILD-MOCD213R2M Datasheet
2Mb / 10P
   Dual-channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD223-M FAIRCHILD-MOCD223-M_06 Datasheet
503Kb / 9P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD207M FAIRCHILD-MOCD207M_06 Datasheet
498Kb / 8P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com