Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA84C622A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA84C622A
Description  8-bit microcontrollers for remote control transmitters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C622A Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA84C622A Datasheet HTML 1Page - NXP Semiconductors PCA84C622A Datasheet HTML 2Page - NXP Semiconductors PCA84C622A Datasheet HTML 3Page - NXP Semiconductors PCA84C622A Datasheet HTML 4Page - NXP Semiconductors PCA84C622A Datasheet HTML 5Page - NXP Semiconductors PCA84C622A Datasheet HTML 6Page - NXP Semiconductors PCA84C622A Datasheet HTML 7Page - NXP Semiconductors PCA84C622A Datasheet HTML 8Page - NXP Semiconductors PCA84C622A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1995 May 01
2
Philips Semiconductors
Product specification
8-bit microcontrollers for
remote control transmitters
PCA84C122; 222; 422; 622; 822
CONTENTS
1
FEATURES
2
GENERAL DESCRIPTION
2.1
Important note
3
MEMORY AND I/O CONFIGURATIONS
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
PINNING INFORMATION
6.1
Pinning
6.2
Pin description
7
POWER-ON-RESET STATUS AND PORT
OPTIONS
8
HARDWARE MODULATOR
8.1
Interface between the 84CXXX core and
derivative logic
8.2
Instructions for data transfer between the
84CXXX core and derivative logic
8.3
Operation of the Hardware Modulator
9
INTERRUPTS
9.1
Internal timer/counter
9.2
External keypad wake-up and T0/INT pin
10
OUTPUT DRIVER
11
WATCHDOG TIMER (WDT)
12
LIMITING VALUES
13
DC CHARACTERISTICS
14
AC CHARACTERISTICS
15
APPLICATION INFORMATION
16
PACKAGE OUTLINES
17
SOLDERING
17.1
Plastic small outline packages
17.2
Plastic dual in-line packages
18
DEFINITIONS
19
LIFE SUPPORT APPLICATIONS


Similar Part No. - PCA84C622A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA84C640 PHILIPS-PCA84C640 Datasheet
236Kb / 40P
   8-bit microcontrollers with OSD and VST
1996 Nov 29
PCA84C641 PHILIPS-PCA84C641 Datasheet
236Kb / 40P
   8-bit microcontrollers with OSD and VST
1996 Nov 29
PCA84C643 PHILIPS-PCA84C643 Datasheet
236Kb / 40P
   8-bit microcontrollers with OSD and VST
1996 Nov 29
PCA84C644 PHILIPS-PCA84C644 Datasheet
236Kb / 40P
   8-bit microcontrollers with OSD and VST
1996 Nov 29
PCA84C646 PHILIPS-PCA84C646 Datasheet
564Kb / 72P
   Microcontrollers for TV tuning control and OSD applications
1995 Jun 15
More results

Similar Description - PCA84C622A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
YKP1568VG5 INTEGRAL-YKP1568VG5 Datasheet
145Kb / 2P
   8 - BIT MICROCONTROLLER FOR REMOTE CONTROL TRANSMITTERS
logo
NEC
UPD17240 NEC-UPD17240 Datasheet
668Kb / 102P
   4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
logo
Princeton Technology Co...
PT2461 PTC-PT2461 Datasheet
427Kb / 5P
   Infrared Remote Control Transmitters
logo
Mitsubishi Electric Sem...
M58480P MITSUBISHI-M58480P Datasheet
241Kb / 4P
   30-FUNCTION REMOTE-CONTROL TRANSMITTERS
M34280M1 MITSUBISHI-M34280M1 Datasheet
508Kb / 47P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
M5848OP MITSUBISHI-M5848OP Datasheet
247Kb / 4P
   30-Function Remote-control Transmitters
logo
Renesas Technology Corp
4280 RENESAS-4280 Datasheet
627Kb / 48P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
logo
STMicroelectronics
AN4099 STMICROELECTRONICS-AN4099 Datasheet
526Kb / 39P
   Implementing transmitters and receivers for infrared remote control protocols using STM32F0xx and STM32F3xx microcontrollers
logo
Renesas Technology Corp
PD64A RENESAS-PD64A_15 Datasheet
417Kb / 66P
   4-BIT SINGLE-CHIP MICROCONTROLLERS FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
Murata Manufacturing Co...
RO3118E MURATA-RO3118E Datasheet
226Kb / 2P
   Ideal for 318 MHz Remote Control and Security Transmitters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com