Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3162-M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MOC3162-M
Description  6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3162-M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MOC3162-M Datasheet HTML 1Page - Fairchild Semiconductor MOC3162-M Datasheet HTML 2Page - Fairchild Semiconductor MOC3162-M Datasheet HTML 3Page - Fairchild Semiconductor MOC3162-M Datasheet HTML 4Page - Fairchild Semiconductor MOC3162-M Datasheet HTML 5Page - Fairchild Semiconductor MOC3162-M Datasheet HTML 6Page - Fairchild Semiconductor MOC3162-M Datasheet HTML 7Page - Fairchild Semiconductor MOC3162-M Datasheet HTML 8Page - Fairchild Semiconductor MOC3162-M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
6/15/05
Page 3 of 10
© 2005 Fairchild Semiconductor Corporation
6-PIN DIP ZERO-CROSS
PHOTOTRIAC DRIVER OPTOCOUPLER
(600V PEAK)
MOC3061-M
MOC3062-M
MOC3063-M
MOC3162-M
MOC3163-M
*Typical values at TA = 25°C
Notes
1. Test voltage must be applied within dv/dt rating.
2. All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended operating IF lies
between max IFT (15 mA for MOC3061-M, 10 mA for MOC3062-M & MOC3162-M, 5 mA for MOC3063-M & MOC3163-M) and
absolute max IF (60 mA).
3. This is static dv/dt. See Figure 9 for test circuit. Commutating dv/dt is a function of the load-driving thyristor(s) only.
4. Isolation surge voltage, VISO, is an internal device dielectric breakdown rating. For this test, Pins 1 and 2 are common,
and Pins 4, 5 and 6 are common.
ELECTRICAL CHARACTERISTICS (TA = 25°C Unless otherwise specified)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameters
Test Conditions
Symbol
Device
Min
Typ*
Max
Units
EMITTER
Input Forward Voltage
IF = 30 mA
VF
All
1.3
1.5
V
Reverse Leakage Current
VR = 6 V
IR
All
0.005
100
µA
DETECTOR
Peak Blocking Current, Either Direction
VDRM = 600V, IF = 0 (note 1)
IDRM1
MOC316X-M
10
100
nA
MOC306X-M
10
500
Critical Rate of Rise of Off-State Voltage
IF = 0 (figure 9, note 3)
dv/dt
MOC306X-M
600
1500
V/µs
MOC316X-M
1000
TRANSFER CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
DC Characteristics
Test Conditions
Symbol
Device
Min
Typ*
Max
Units
LED Trigger Current
(rated IFT)
main terminal
Voltage = 3V (note 2)
IFT
MOC3061-M
15
mA
MOC3062-M/
MOC3162-M
10
MOC3063-M/
MOC3163-M
5
Peak On-State Voltage, Either Direction
ITM = 100 mA peak,
IF = rated IFT
VTM
All
1.8
3
V
Holding Current, Either Direction
IH
All
500
µA
ZERO CROSSING CHARACTERISTICS
Characteristics
Test Conditions
Symbol
Device
Min
Typ*
Max
Units
Inhibit Voltage (MT1-MT2 voltage
above which device will not
trigger)
IF = Rated IFT
VINH
MOC3061-M/2M/3M
12
20
V
MOC3162-M/3M
12
15
Leakage in Inhibited State
IF = Rated IFT,
VDRM = 600V, off state
IDRM2
All
150
500
µA
ISOLATION CHARACTERISTICS
Characteristics
Test Conditions
Symbol
Device
Min
Typ*
Max
Units
Isolation Voltage
f = 60 Hz, t = 1 sec
VISO
All
7500
V


Similar Part No. - MOC3162-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3162-M FAIRCHILD-MOC3162-M Datasheet
540Kb / 10P
   6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
More results

Similar Description - MOC3162-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3061-M FAIRCHILD-MOC3061-M Datasheet
540Kb / 10P
   6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
logo
CT Micro International ...
CT3061 CTMICRO-CT3061 Datasheet
966Kb / 12P
   600V/800V Zero Cross 6-Pin Phototriac Optocoupler
logo
ON Semiconductor
MOC3081M ONSEMI-MOC3081M_V01 Datasheet
343Kb / 13P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)
September, 2022 - Rev. 2
MOC3061M ONSEMI-MOC3061M Datasheet
402Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
May, 2021 ??Rev. 2
MOC3081M ONSEMI-MOC3081M Datasheet
320Kb / 13P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)
September, 2019 ??Rev. 1
MOC3061M ONSEMI-MOC3061M_V01 Datasheet
274Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 3
logo
CT Micro International ...
CT3061-5L CTMICRO-CT3061-5L Datasheet
954Kb / 10P
   600V/800V Zero Cross 5-Pin Phototriac Optocoupler
CT3031 CTMICRO-CT3031 Datasheet
969Kb / 12P
   250V/400V Zero Cross 6-Pin Phototriac Optocoupler
logo
ON Semiconductor
MOC3031M ONSEMI-MOC3031M Datasheet
405Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Output Optocoupler (250/400 Volt Peak)
May, 2021 ??Rev. 2
logo
Fairchild Semiconductor
MOC3081 FAIRCHILD-MOC3081 Datasheet
167Kb / 11P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com