Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3163-M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MOC3163-M
Description  6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3163-M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MOC3163-M Datasheet HTML 1Page - Fairchild Semiconductor MOC3163-M Datasheet HTML 2Page - Fairchild Semiconductor MOC3163-M Datasheet HTML 3Page - Fairchild Semiconductor MOC3163-M Datasheet HTML 4Page - Fairchild Semiconductor MOC3163-M Datasheet HTML 5Page - Fairchild Semiconductor MOC3163-M Datasheet HTML 6Page - Fairchild Semiconductor MOC3163-M Datasheet HTML 7Page - Fairchild Semiconductor MOC3163-M Datasheet HTML 8Page - Fairchild Semiconductor MOC3163-M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PACKAGE
SCHEMATIC
6/15/05
Page 1 of 10
© 2005 Fairchild Semiconductor Corporation
6-PIN DIP ZERO-CROSS
PHOTOTRIAC DRIVER OPTOCOUPLER
(600V PEAK)
MOC3061-M
MOC3062-M
MOC3063-M
MOC3162-M
MOC3163-M
DESCRIPTION
The MOC306X-M and MOC316X-M devices consist of a GaAs infrared emitting diode optically coupled to a monolithic silicon
detector performing the function of a zero voltage crossing bilateral triac driver. They are designed for use with a triac in the inter-
face of logic systems to equipment powered from 115/240 VAC lines, such as solid-state relays, industrial controls, motors, sole-
noids and consumer appliances, etc.
FEATURES
Simplifies logic control of 115/240 VAC power
Zero voltage crossing
dv/dt of 1000 V/µs guaranteed (MOC316X-M),
– 600 V/µs guaranteed (MOC306X-M)
VDE recognized (File # 94766)
– ordering option V (e.g., MOC3063V-M)
Underwriters Laboratories (UL) recognized (File #E90700, volume 2)
APPLICATIONS
Solenoid/valve controls
Static power switches
•Temperature controls
•AC motor starters
Lighting controls
•AC motor drives
E.M. contactors
Solid state relays
6
1
6
6
1
1
MAIN TERM.
NC*
N/C
*DO NOT CONNECT
(TRIAC SUBSTRATE)
1
2
3
ANODE
CATHODE
4
5
6 MAIN TERM.
ZERO
CROSSING
CIRCUIT


Similar Part No. - MOC3163-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3163-M FAIRCHILD-MOC3163-M Datasheet
540Kb / 10P
   6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
More results

Similar Description - MOC3163-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3061-M FAIRCHILD-MOC3061-M Datasheet
540Kb / 10P
   6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
logo
CT Micro International ...
CT3061 CTMICRO-CT3061 Datasheet
966Kb / 12P
   600V/800V Zero Cross 6-Pin Phototriac Optocoupler
logo
ON Semiconductor
MOC3081M ONSEMI-MOC3081M_V01 Datasheet
343Kb / 13P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)
September, 2022 - Rev. 2
MOC3061M ONSEMI-MOC3061M Datasheet
402Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
May, 2021 ??Rev. 2
MOC3081M ONSEMI-MOC3081M Datasheet
320Kb / 13P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)
September, 2019 ??Rev. 1
MOC3061M ONSEMI-MOC3061M_V01 Datasheet
274Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 3
logo
CT Micro International ...
CT3061-5L CTMICRO-CT3061-5L Datasheet
954Kb / 10P
   600V/800V Zero Cross 5-Pin Phototriac Optocoupler
CT3031 CTMICRO-CT3031 Datasheet
969Kb / 12P
   250V/400V Zero Cross 6-Pin Phototriac Optocoupler
logo
ON Semiconductor
MOC3031M ONSEMI-MOC3031M Datasheet
405Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Output Optocoupler (250/400 Volt Peak)
May, 2021 ??Rev. 2
logo
Fairchild Semiconductor
MOC3081 FAIRCHILD-MOC3081 Datasheet
167Kb / 11P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com