Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10BQ100 Datasheet(PDF) 6 Page - International Rectifier

Part # 10BQ100
Description  SCHOTTKY RECTIFIER 1 Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10BQ100 Datasheet(HTML) 6 Page - International Rectifier

  10BQ100 Datasheet HTML 1Page - International Rectifier 10BQ100 Datasheet HTML 2Page - International Rectifier 10BQ100 Datasheet HTML 3Page - International Rectifier 10BQ100 Datasheet HTML 4Page - International Rectifier 10BQ100 Datasheet HTML 5Page - International Rectifier 10BQ100 Datasheet HTML 6Page - International Rectifier 10BQ100 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
10BQ100PbF
Bulletin PD-20786 rev. A 07/04
6
www.irf.com
10BQ100
********************************************************************************
* SPICE Model Diode
*
********************************************************************************
.SUBCKT 10BQ100 ANO CAT
D1 ANO 1 CAT
*Define diode model
.model D10BQ100 D(Is=341.4E-06 N=2.664 Rs=3.65E-03 Ikf=37.08E-03 Xti=2 Eg=1.11
+
Cjo=65.57E-12 M=.5751 Vj=4.282 Fc=0.5 Isr=17.26E-27 Nr=5.662
+
Bv=119.9 Ibv=215.5E-06 Tt=43.28E-09)
********************************************************************************
.ENDS 10BQ100
Tape & Reel Information
Dimensions in millimetres and (inches)
Ordering Information Table
Device Code
1
5
24
3
10
B
Q
100
TR PbF
6
1
-
Current Rating
2
-
B = Single Lead Diode
3
-
Q = Schottky Q Series
4
-
Voltage Rating (100 = 100V)
5
-
none = Box (1000 pieces)
TR = Tape & Reel
(3000 pieces)
6
-
none = Standard Production
PbF = Lead-Free


Similar Part No. - 10BQ100

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10BQ100 IRF-10BQ100 Datasheet
250Kb / 4P
   SCHOTTKY RECTIFIER, 1Amp
logo
Microsemi Corporation
10BQ100 MICROSEMI-10BQ100 Datasheet
94Kb / 2P
   1 Amp Schottky Rectifier
logo
Vishay Siliconix
10BQ100 VISHAY-10BQ100 Datasheet
105Kb / 6P
   Schottky Rectifier, 1 A
Revision: 15-Apr-08
logo
Sangdest Microelectroni...
10BQ100 SMC-10BQ100 Datasheet
181Kb / 6P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
10BQ100 SMCDIODE-10BQ100 Datasheet
300Kb / 4P
   10BQ100 SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - 10BQ100

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HSM150 MICROSEMI-HSM150 Datasheet
76Kb / 2P
   1 Amp Schottky Rectifier
logo
Nanjing International G...
SMD15PL.1A-SOD-123FL DGNJDZ-SMD15PL.1A-SOD-123FL Datasheet
124Kb / 2P
   1 Amp Schottky Rectifier
SMD18PL.1A-SOD-123FL DGNJDZ-SMD18PL.1A-SOD-123FL Datasheet
124Kb / 2P
   1 Amp Schottky Rectifier
logo
Digitron Semiconductors
1N5817 DIGITRON-1N5817 Datasheet
107Kb / 3P
   1 AMP SCHOTTKY RECTIFIER
logo
Microsemi Corporation
HSM150G MICROSEMI-HSM150G Datasheet
90Kb / 2P
   1 Amp Schottky Rectifier
HSM180J MICROSEMI-HSM180J Datasheet
94Kb / 2P
   1 Amp Schottky Rectifier
MSG104 MICROSEMI-MSG104 Datasheet
87Kb / 2P
   1 Amp Schottky Rectifier
MSP140 MICROSEMI-MSP140 Datasheet
88Kb / 2P
   1 Amp Schottky Rectifier
5817SM MICROSEMI-5817SM Datasheet
116Kb / 3P
   1 Amp Schottky Rectifier
LSM140J MICROSEMI-LSM140J Datasheet
94Kb / 2P
   1 Amp Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com