Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12TQ040PBF Datasheet(PDF) 2 Page - International Rectifier

Part # 12TQ040PBF
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

12TQ040PBF Datasheet(HTML) 2 Page - International Rectifier

  12TQ040PBF Datasheet HTML 1Page - International Rectifier 12TQ040PBF Datasheet HTML 2Page - International Rectifier 12TQ040PBF Datasheet HTML 3Page - International Rectifier 12TQ040PBF Datasheet HTML 4Page - International Rectifier 12TQ040PBF Datasheet HTML 5Page - International Rectifier 12TQ040PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
12TQ... Series
2
Bulletin PD-20829 rev. A 04/06
www.irf.com
V
FM
Max. Forward Voltage Drop
(1)
0.56
V
@ 15A
* See Fig. 1
0.71
V
@ 30A
0.50
V
@ 15A
0.64
V
@ 30A
I
RM
Max. Reverse Leakage Current (1)
1.75
mA
T
J =
25 °C
* See Fig. 2
70
mA
TJ = 125 °C
CT
Max. Junction Capacitance
900
pF
V
R = 5VDC (test signal range 100Khz to 1Mhz) 25 °C
LS
Typical Series Inductance
8.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10000
V/ μs
(Rated VR)
T
J =
25 °C
T
J = 125 °C
V
R = rated VR
Electrical Specifications
Parameters
12TQ
Units
Conditions
(1) Pulse Width < 300μs, Duty Cycle < 2%
T
J
Max. Junction Temperature Range
-55 to 150
°C
Tstg Max. Storage Temperature Range
-55 to 150
°C
R
thJC Max. Thermal Resistance Junction
2.0
°C/W DC operation
* See Fig. 4
to Case
R
thCS Typical Thermal Resistance, Case to
0.50
°C/W Mounting surface, smooth and greased
Heatsink
wt
Approximate Weight
2 (0.07) g (oz.)
T
Mounting Torque
Min.
6 (5)
Max.
12 (10)
Marking Device
12TQ045
Thermal-Mechanical Specifications
Parameters
12TQ
Units
Conditions
I
F(AV) Max. Average Forward Current
15
A
50% duty cycle @ T
C = 120° C, rectangular wave form
* See Fig. 5
I
FSM
Max. Peak One Cycle Non-Repetitive
990
5μs Sine or 3μs Rect. pulse
Surge Current * See Fig. 7
250
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetitive Avalanche Energy
16
mJ
T
J = 25 °C, IAS = 2 .4 Amps, L = 5.5 mH
I
AR
Repetitive Avalanche Current
2.4
A
Current decaying linearly to zero in 1 μsec
Frequency limited by T
J max. VA = 1.5 x VR typical
Parameters
12TQ Units
Conditions
Absolute Maximum Ratings
A
Following any rated
load condition and
with rated V
RRM applied
Kg-cm
(Ibf-in)
Voltage Ratings
Part number
12TQ035PbF
12TQ040PbF
12TQ045PbF
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
35
40
45


Similar Part No. - 12TQ040PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
12TQ040PBF VISHAY-12TQ040PBF Datasheet
121Kb / 6P
   Schottky Rectifier, 15 A
Revision: 05-Jun-08
More results

Similar Description - 12TQ040PBF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com