Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8581CT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA8581CT
Description  128 x 8-bit EEPROM with I2C-bus interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8581CT Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA8581CT Datasheet HTML 1Page - NXP Semiconductors PCA8581CT Datasheet HTML 2Page - NXP Semiconductors PCA8581CT Datasheet HTML 3Page - NXP Semiconductors PCA8581CT Datasheet HTML 4Page - NXP Semiconductors PCA8581CT Datasheet HTML 5Page - NXP Semiconductors PCA8581CT Datasheet HTML 6Page - NXP Semiconductors PCA8581CT Datasheet HTML 7Page - NXP Semiconductors PCA8581CT Datasheet HTML 8Page - NXP Semiconductors PCA8581CT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1997 Apr 02
5
Philips Semiconductors
Product specification
128
× 8-bit EEPROM with I2C-bus interface
PCA8581; PCA8581C
7
CHARACTERISTICS OF THE I2C-BUS
The I2C-bus is for bidirectional, two-line communication
between different ICs or modules. The two lines are a
serial data line (SDA) and a serial clock line (SCL). Both
lines must be connected to a positive supply via a pull-up
resistor. Data transfer may be initiated only when the bus
is not busy.
7.1
Bit transfer
One data bit is transferred during each clock pulse.
The data on the SDA line must remain stable during the
HIGH period of the clock pulse as changes in the data line
at this time will be interpreted as a control signal.
Fig.3 Bit transfer.
MBA607
data line
stable;
data valid
change
of data
allowed
SDA
SCL
7.2
Start and stop conditions
Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW transition of the data line, while the
clock is HIGH is defined as the start condition (S). A LOW-to-HIGH transition of the data line while the clock is HIGH is
defined as the stop condition (P).
Fig.4 Definition of START and STOP conditions.
MBA608
SDA
SCL
P
STOP condition
SDA
SCL
S
START condition


Similar Part No. - PCA8581CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8581CT PHILIPS-PCA8581CT Datasheet
107Kb / 20P
   128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
More results

Similar Description - PCA8581CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8581C PHILIPS-PCA8581C Datasheet
107Kb / 20P
   128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
PCF8582C-2 PHILIPS-PCF8582C-2_04 Datasheet
127Kb / 21P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85103C-2 PHILIPS-PCF85103C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
logo
Integral Corp.
INF8594E INTEGRAL-INF8594E Datasheet
98Kb / 2P
   512 x 8-Bit CMOS EEPROM with I2C-Bus Interface
logo
NXP Semiconductors
PCF8594C-2 PHILIPS-PCF8594C-2 Datasheet
394Kb / 21P
   512 X 8-bit CMOS EEPROM with I2C-bus interface
Rev. 05-25 October 2004
PCF85116-3 PHILIPS-PCF85116-3 Datasheet
164Kb / 21P
   2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85102C-2 PHILIPS-PCF85102C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
logo
Integral Corp.
INA2586 INTEGRAL-INA2586 Datasheet
85Kb / 1P
   1024 x 8-Bit n-MOS EEPROM with I2C-Bus Interface
logo
KODENSHI_AUK CORP.
KKA2586 KODENSHI-KKA2586 Datasheet
99Kb / 2P
   1024 x 8-Bit n-MOS EEPROM with I2C-Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com