Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8581CT Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA8581CT
Description  128 x 8-bit EEPROM with I2C-bus interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8581CT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA8581CT Datasheet HTML 6Page - NXP Semiconductors PCA8581CT Datasheet HTML 7Page - NXP Semiconductors PCA8581CT Datasheet HTML 8Page - NXP Semiconductors PCA8581CT Datasheet HTML 9Page - NXP Semiconductors PCA8581CT Datasheet HTML 10Page - NXP Semiconductors PCA8581CT Datasheet HTML 11Page - NXP Semiconductors PCA8581CT Datasheet HTML 12Page - NXP Semiconductors PCA8581CT Datasheet HTML 13Page - NXP Semiconductors PCA8581CT Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1997 Apr 02
10
Philips Semiconductors
Product specification
128
× 8-bit EEPROM with I2C-bus interface
PCA8581; PCA8581C
10 DC CHARACTERISTICS
VDD = 2.5 to 6.0 V (PCA8581C); VDD = 4.5 to 5.5 V (PCA8581); VSS = 0 V; Tamb = −25 to +85 °C; note 1; unless
otherwise specified.
Note
1. The PCA8581C is guaranteed to be programmed with all locations ‘FF’ (hexadecimal) provided the device has been
stored within the temperature limits
−65 to +85 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
PCA8581C
2.5
6.0
V
PCA8581
4.5
5.5
V
IDD
supply current
standby mode
fSCL = 0 Hz; VIL = 0 V; VIH = VDD
−−
10
µA
during read cycle
fSCL = 100 Hz; VIL = 0 V; VIH = VDD
−−
400
µA
during write cycle
VIL = 0 V; VIH = VDD
−−
1000
µA
Inputs A0, A1, A2, SDA and SCL
VIL
LOW level input voltage
−−
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
−−
V
ILI
input leakage current
VI =VDD or VSS
−−
1
µA
Ci
input capacitance
VI =VSS
−−
7pF
Output SDA
IOL
LOW level output current VOL = 0.4 V
3
−−
mA
Erase/write data
tWR
write time
710
ms
tRET
data retention time
10
−−
years


Similar Part No. - PCA8581CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8581CT PHILIPS-PCA8581CT Datasheet
107Kb / 20P
   128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
More results

Similar Description - PCA8581CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8581C PHILIPS-PCA8581C Datasheet
107Kb / 20P
   128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
PCF8582C-2 PHILIPS-PCF8582C-2_04 Datasheet
127Kb / 21P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85103C-2 PHILIPS-PCF85103C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
logo
Integral Corp.
INF8594E INTEGRAL-INF8594E Datasheet
98Kb / 2P
   512 x 8-Bit CMOS EEPROM with I2C-Bus Interface
logo
NXP Semiconductors
PCF8594C-2 PHILIPS-PCF8594C-2 Datasheet
394Kb / 21P
   512 X 8-bit CMOS EEPROM with I2C-bus interface
Rev. 05-25 October 2004
PCF85116-3 PHILIPS-PCF85116-3 Datasheet
164Kb / 21P
   2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85102C-2 PHILIPS-PCF85102C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
logo
Integral Corp.
INA2586 INTEGRAL-INA2586 Datasheet
85Kb / 1P
   1024 x 8-Bit n-MOS EEPROM with I2C-Bus Interface
logo
KODENSHI_AUK CORP.
KKA2586 KODENSHI-KKA2586 Datasheet
99Kb / 2P
   1024 x 8-Bit n-MOS EEPROM with I2C-Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com