Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5254B Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MMSZ5254B
Description  Zeners
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMSZ5254B Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MMSZ5254B Datasheet HTML 1Page - Fairchild Semiconductor MMSZ5254B Datasheet HTML 2Page - Fairchild Semiconductor MMSZ5254B Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
©2004 Fairchild Semiconductor Corporation
MMSZ5226B - MMSZ5257B, Rev. E
Typical Characteristics
Figure 1. Zener Current vs. Zener Voltage
Figure 2. Zener Current vs. Zener Impedence
Figure 3. 3.3 Zener Voltage vs. Temperature
Figure 4. 5.1 Zener Voltage vs. Temperature
Figure 5. 12 Zener Voltage vs. Zener Temperature
Figure 6. 33 Zener Voltage vs. Zener Temperature
12
5
10
20
30
5
10
15
20
25
30
35
I - ZENER CURRENT (mA)
T = 25 C
º
A
Z
V = 12.0V
Z
V = 3.3V
Z
V = 5.1V
Z
V = 33.0V
Z
0.1
0.2
0.5
1
2
5
10
20
1
2
5
10
20
50
100
200
500
1000
2000
5000
I - ZENER CURRENT (mA)
T = 25 C
º
A
Z
V = 3.3V
Z
V = 5.1V
Z
V = 12.0V
Z
V = 33.0V
Z
12
5
10
20
30
1
2
3
4
5
I - ZENER CURRENT (mA)
T = -25 C
º
A
Z
V = 3.3V
Z
T = 85 C
º
A
T = 100 C
º
A
T = 25 C
º
A
T = 125 C
º
A
12
5
10
20
30
4
4.5
5
5.5
6
I - ZENER CURRENT (mA)
T = -25 C
º
A
Z
V = 5.1V
Z
T = 85 C
º
A
T = 100 C
º
A
T = 25 C
º
A
T = 125 C
º
A
12
5
10
20
30
0
5
10
15
I - ZENER CURRENT (mA)
T = -25 C
º
A
Z
V = 12.0V
Z
T = 85 C
º
A
T = 100 C
º
A
T = 25 C
º
A
T = 125 C
º
A
12
5
10
20
30
20
25
30
35
40
I - ZENER CURRENT (mA)
T = -25 C
º
A
Z
V = 33.0V
Z
T = 85 C
º
A
T = 100 C
º
A
T = 25 C
º
A
T = 125 C
º
A


Similar Part No. - MMSZ5254B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5254B PANJIT-MMSZ5254B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Microdiode Electronics ...
MMSZ5254B CHENDA-MMSZ5254B Datasheet
1,011Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
MMSZ5254B BILIN-MMSZ5254B Datasheet
142Kb / 4P
   Surface mount zener diode
logo
Diotec Semiconductor
MMSZ5254B DIOTEC-MMSZ5254B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Taiwan Semiconductor Co...
MMSZ5254B TSC-MMSZ5254B Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
More results

Similar Description - MMSZ5254B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com