Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU3710ZPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRFU3710ZPBF
Description  AUTOMOTIVE MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU3710ZPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRFU3710ZPBF Datasheet HTML 3Page - International Rectifier IRFU3710ZPBF Datasheet HTML 4Page - International Rectifier IRFU3710ZPBF Datasheet HTML 5Page - International Rectifier IRFU3710ZPBF Datasheet HTML 6Page - International Rectifier IRFU3710ZPBF Datasheet HTML 7Page - International Rectifier IRFU3710ZPBF Datasheet HTML 8Page - International Rectifier IRFU3710ZPBF Datasheet HTML 9Page - International Rectifier IRFU3710ZPBF Datasheet HTML 10Page - International Rectifier IRFU3710ZPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IRFR/U3710ZPbF
8
www.irf.com
Fig 17.
Peak Diode Recovery dv/dt Test Circuit for N-Channel
HEXFET® Power MOSFETs
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
* VGS = 5V for Logic Level Devices
*
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T

VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-V
DD
Fig 18a. Switching Time Test Circuit
Fig 18b. Switching Time Waveforms


Similar Part No. - IRFU3710ZPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFU3710ZPBF KERSEMI-IRFU3710ZPBF Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
IRFU3710ZPBF KERSEMI-IRFU3710ZPBF Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
IRFU3710ZPBF KERSEMI-IRFU3710ZPBF Datasheet
4Mb / 12P
   HEXFET Power MOSFET
logo
International Rectifier
IRFU3710ZPBF IRF-IRFU3710ZPBF Datasheet
365Kb / 12P
   Advanced Process Technology
logo
Infineon Technologies A...
IRFU3710ZPbF INFINEON-IRFU3710ZPbF Datasheet
688Kb / 13P
   HEXFET짰 Power MOSFET
2016-5-31
More results

Similar Description - IRFU3710ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF2804S-7P IRF-IRF2804S-7P Datasheet
263Kb / 10P
   AUTOMOTIVE MOSFET
IIRLR3105 IRF-IIRLR3105 Datasheet
169Kb / 8P
   AUTOMOTIVE MOSFET
IRF540ZL IRF-IRF540ZL Datasheet
310Kb / 12P
   AUTOMOTIVE MOSFET
IRF3205Z IRF-IRF3205Z Datasheet
303Kb / 12P
   AUTOMOTIVE MOSFET
IRLR2908 IRF-IRLR2908 Datasheet
206Kb / 11P
   AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
   AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRF1405Z IRF-IRF1405Z Datasheet
291Kb / 12P
   AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
   AUTOMOTIVE MOSFET
IRLU2905Z IRF-IRLU2905Z Datasheet
217Kb / 11P
   AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com