Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOCD223-M Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MOCD223-M
Description  Dual Channel Phototransistor Small Outline Surface Mount Optocouplers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOCD223-M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MOCD223-M_06 Datasheet HTML 1Page - Fairchild Semiconductor MOCD223-M_06 Datasheet HTML 2Page - Fairchild Semiconductor MOCD223-M_06 Datasheet HTML 3Page - Fairchild Semiconductor MOCD223-M_06 Datasheet HTML 4Page - Fairchild Semiconductor MOCD223-M_06 Datasheet HTML 5Page - Fairchild Semiconductor MOCD223-M_06 Datasheet HTML 6Page - Fairchild Semiconductor MOCD223-M_06 Datasheet HTML 7Page - Fairchild Semiconductor MOCD223-M_06 Datasheet HTML 8Page - Fairchild Semiconductor MOCD223-M_06 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.fairchildsemi.com
MOCD223-M Rev. 1.0.0
Absolute Maximum Ratings (T
A = 25°C Unless otherwise specified)
Symbol
Rating
Value
Unit
EMITTER
IF
Forward Current – Continuous
60
mA
IF (pk)
Forward Current – Peak (PW = 100µs,120pps)
1.0
A
VR
Reverse Voltage
6.0
V
PD
LED Power Dissipation @ TA = 25°C
Derate above 25°C
90
0.8
mW
mW/°C
DETECTOR
VCEO
Collector-Emitter Voltage
30
V
VCBO
Collector-Base Voltage
70
V
VECO
Emitter-Collector Voltage
7.0
V
IC
Collector Current-Continuous
150
mA
PD
Detector Power Dissipation @ TA = 25°C
Derate above 25°C
150
1.76
mW
mW/°C
TOTAL DEVICE
VISO
Input-Output Isolation Voltage(1,2,3)
(f = 60Hz, t = 1 min. Duration)
2500
Vac(rms)
PD
Total Device Power Dissipation @ TA = 25°C
Derate above 25°C
250
2.94
mW
mW/°C
TA
Ambient Operating Temperature Range
-40 to +100
°C
Tstg
Storage Temperature Range
-40 to +150
°C
TL
Lead Soldering Temperature
(1/16" from case, 10 sec. duration)
260
°C


Similar Part No. - MOCD223-M_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOCD223-M FAIRCHILD-MOCD223-M Datasheet
498Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
More results

Similar Description - MOCD223-M_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOCD213-M FAIRCHILD-MOCD213-M Datasheet
495Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD213-M FAIRCHILD-MOCD213-M_05 Datasheet
494Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD206M FAIRCHILD-MOCD206M Datasheet
106Kb / 7P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD223M FAIRCHILD-MOCD223M Datasheet
2Mb / 10P
   Dual-channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD208R2M FAIRCHILD-MOCD208R2M Datasheet
2Mb / 9P
   Dual-channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD223-M FAIRCHILD-MOCD223-M Datasheet
498Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD213R2M FAIRCHILD-MOCD213R2M Datasheet
2Mb / 10P
   Dual-channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD207M FAIRCHILD-MOCD207M_06 Datasheet
498Kb / 8P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD211-M FAIRCHILD-MOCD211-M Datasheet
506Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD211-M FAIRCHILD-MOCD211-M_05 Datasheet
511Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com