Electronic Components Datasheet Search |
|
PCD3310 Datasheet(PDF) 10 Page - NXP Semiconductors |
|
PCD3310 Datasheet(HTML) 10 Page - NXP Semiconductors |
10 / 28 page 1996 Nov 21 10 Philips Semiconductors Product specification Pulse and DTMF diallers with redial PCD3310; PCD3310A Table 3 Frequency tolerance of the output tones for DTMF signalling; fxtal = 3.579545 MHz ROW/COLUMN STANDARD FREQUENCY (Hz) TONE OUTPUT FREQUENCY (Hz) FREQUENCY DEVIATION %Hz ROW 1 697 697.90 +0.13 +0.90 ROW 2 770 770.46 +0.06 +0.46 ROW 3 852 850.45 −0.18 −1.55 ROW 4 941 943.23 +0.24 +2.23 COL 1 1209 1206.45 −0.21 −2.55 COL 2 1336 1341.66 +0.42 +5.66 COL 3 1477 1482.21 +0.35 +5.21 COL 4 1633 1638.24 +0.32 +5.25 7.8 Dial pulse and Flash output (DP/FLO) This is a combined output which provides control signals for timing in pulse dialling or for a calibrated line break (flash or register recall) in both dialling modes. 7.9 Mute output (M1) The MUTE output can be used to disable the microphone during dialling. During pulse dialling the mute output becomes active HIGH for the period of the inter-digit pause, break time and make time. It remains at this level until the last digit is pulsed out. During DTMF dialling the mute output becomes active HIGH for the period of tone transmission and remains at this level until the end of hold-over time. It is also active HIGH during flash and flash hold-over time. 7.10 Mute output (M1) Inverted output of M1. In the PCD3310P it is only available as a bonding option of M1. 7.11 Muting output (M2) Active HIGH output during actual dialling; i.e. during break or make time in pulse dialling, or during tone ON/OFF in DTMF dialling. It is an open drain p-channel output. 8 DIALLING PROCEDURES (see Figs 7, 8 and 9) 8.1 Dialling After CE has risen to VDD the oscillator starts running and the Read Address Counter (RAC) is set to the first address of both the main and temporary redial registers, ready to redial any stored number (see Fig.6). By dialling the first valid digit, the Temporary Write Address Counter (TWAC) will be set to the first address of the temporary register, and the decoded digit will be stored in the temporary register at that address. The TWAC is then incremented to the next address. The first 5 valid digits will be decoded and stored in the temporary register in this way, and have no effect on the main register and its associated Write Address Counter (WAC). After the sixth valid digit is entered, the TWAC indicates an overflow condition. The data from the temporary register will be copied into the 5 least significant places of the main register and the TWAC into the WAC. The sixth digit, and all subsequent digits will be stored in the main register (a total of not more than 23). If more than 23 digits are entered redial will be inhibited. If not more than 5 digits are entered only the temporary register and the associated TWAC are affected. All entries are debounced on both the leading and trailing edges for at least time period te as shown in Figs 11, 12, 13 and 14. Each entry is tested for validity before being stored in the redial registers. • For DTMF dialling all dial keys are valid • For pulse dialling only numeric dial keys are valid. Simultaneous to their acceptance and corresponding to the selected mode (pulse, DTMF or mixed), the entries are transmitted as pulse-trains or as DTMF frequencies in accordance with PTT requirements. Non-numeric dial key entries are neglected during pulse dialling; they are neither stored nor transmitted. |
Similar Part No. - PCD3310 |
|
Similar Description - PCD3310 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |