Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLR3715ZCPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRLR3715ZCPBF
Description  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR3715ZCPBF Datasheet(HTML) 3 Page - International Rectifier

  IRLR3715ZCPBF Datasheet HTML 1Page - International Rectifier IRLR3715ZCPBF Datasheet HTML 2Page - International Rectifier IRLR3715ZCPBF Datasheet HTML 3Page - International Rectifier IRLR3715ZCPBF Datasheet HTML 4Page - International Rectifier IRLR3715ZCPBF Datasheet HTML 5Page - International Rectifier IRLR3715ZCPBF Datasheet HTML 6Page - International Rectifier IRLR3715ZCPBF Datasheet HTML 7Page - International Rectifier IRLR3715ZCPBF Datasheet HTML 8Page - International Rectifier IRLR3715ZCPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRLR/U3715ZCPbF
www.irf.com
3
Fig 4. Normalized On-Resistance
vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
10000
2.5V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
10V
4.5V
3.7V
3.5V
3.3V
3.0V
2.7V
BOTTOM
2.5V
0
2
4
6
8
10
12
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
0.1
1
10
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
2.5V
20µs PULSE WIDTH
Tj = 175°C
VGS
TOP
10V
4.5V
3.7V
3.5V
3.3V
3.0V
2.7V
BOTTOM
2.5V
-60 -40 -20
0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 30A
VGS = 10V


Similar Part No. - IRLR3715ZCPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR3715Z IRF-IRLR3715Z Datasheet
202Kb / 11P
   HEXFET Power MOSFET
IRLR3715Z IRF-IRLR3715Z Datasheet
211Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR3715Z KERSEMI-IRLR3715Z Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Inchange Semiconductor ...
IRLR3715Z ISC-IRLR3715Z Datasheet
336Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRLR3715ZPBF IRF-IRLR3715ZPBF Datasheet
323Kb / 11P
   HEXFET Power MOSFET
More results

Similar Description - IRLR3715ZCPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com