Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRM-3633N3F4 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # IRM-3633N3F4
Description  Infrared Remote-control Receiver Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRM-3633N3F4 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  IRM-3633N3F4 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IRM-3633N3F4 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IRM-3633N3F4 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IRM-3633N3F4 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRM-3633N3F4 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRM-3633N3F4 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRM-3633N3F4 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IRM-3633N3F4 Datasheet HTML 8Page - Everlight Electronics Co., Ltd IRM-3633N3F4 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1.2
Page: 1 of 9
Device No:DMO-036-246
Prepared date:11-23-2004
Prepared by:Carryll Hsu
Technical Data Sheet
Infrared Remote-control Receiver Module
IRM-36xxN3F4 SERIES
Features
‧High protection ability against EMI .
‧Circular lens to improve the receive characteristic.
‧Line-up for various center carrier frequencies.
‧Low voltage and low power consumption.
‧High immunity against ambient light.
‧Photodiode with integrated circuit.
‧TTL and CMOS compatibility.
‧Long reception distance.
‧High sensitivity.
‧Pb free.
Descriptions
The device is a miniature type infrared remote control
system receiver which has been developed and designed by
utilizing the most updated IC technology. The PIN diode
and preamplifier are assembled on lead frame, the epoxy
package is designed as an IR filter. The demodulated
output signal can directly be decoded by a microprocessor.
Applications
1. Optical switch
2. Light detecting portion of remote control
․AV instruments such as Audio, TV, VCR, CD, MD, etc.
․Home appliances such as Air-conditioner, Fan , etc.
․The other equipments with wireless remote control.
․CATV set top boxes
․Multi-media Equipment
PART
MATERIAL
COLOR
Chip
Silicon
---
Lead Frame
SPCC
Silver white
Package
Epoxy
Black


Similar Part No. - IRM-3633N3F4

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-3633N3 EVERLIGHT-IRM-3633N3 Datasheet
223Kb / 9P
   Infrared Remote-control Receiver Module
More results

Similar Description - IRM-3633N3F4

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8885V-P EVERLIGHT-IRM-8885V-P Datasheet
231Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8751-2 EVERLIGHT-IRM-8751-2 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
   Infrared Remote-control Receiver Module
IRM-8608S-5 EVERLIGHT-IRM-8608S-5 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
logo
List of Unclassifed Man...
IRM-2638V ETC-IRM-2638V Datasheet
197Kb / 9P
   Infrared Remote-control Receiver Module
logo
Everlight Electronics C...
IRM-H6XXT EVERLIGHT-IRM-H6XXT Datasheet
223Kb / 11P
   Infrared Remote-control Receiver Module
IRM-8751-1 EVERLIGHT-IRM-8751-1 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3633AF4 EVERLIGHT-IRM-3633AF4 Datasheet
235Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3736 EVERLIGHT-IRM-3736 Datasheet
256Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8608S-2 EVERLIGHT-IRM-8608S-2 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com