Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA28 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MPSA28
Description  NPN Darlington Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MPSA28 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MPSA28 Datasheet HTML 1Page - Fairchild Semiconductor MPSA28 Datasheet HTML 2Page - Fairchild Semiconductor MPSA28 Datasheet HTML 3Page - Fairchild Semiconductor MPSA28 Datasheet HTML 4Page - Fairchild Semiconductor MPSA28 Datasheet HTML 5Page - Fairchild Semiconductor MPSA28 Datasheet HTML 6Page - Fairchild Semiconductor MPSA28 Datasheet HTML 7Page - Fairchild Semiconductor MPSA28 Datasheet HTML 8Page - Fairchild Semiconductor MPSA28 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Typical Characteristics (continued)
Input and Output Capacitance
vs Reverse Voltage
0.1
1
10
100
2
5
10
15
20
V
- COLLECTOR VOLTAGE(V)
C
f = 1.0 MHz
CE
ob
C ib
Collector-Emitter Breakdown
Voltage with Resistance
Between Emitter-Base
0.1
1
10
100
1000
112.8
113
113.2
113.4
113.6
113.8
114
114.2
RESISTANCE (k
)
Gain Bandwidth Product
vs Collector Current
1
10
20
50
100 150200
0
100
200
300
400
I - COLLECTOR CURRENT (mA)
V
= 5V
C
ce
200 300
Collector-Cutoff Current
vs Ambient Temperature
25
50
75
100
125
0.01
0.1
1
10
100
T - AMBIE NT TEMP ERATURE ( C)
A
°
V
= 80V
CB
Base-Emitt er Saturation
Voltage vs Collect or Current
1
10
100
1000
0
0.4
0.8
1.2
1.6
2
I - COLLECTOR CURRE NT (mA)
C
25 °C
- 40 °C
125 °C
β = 1000
Base Emitter ON Voltage vs
Collect or Current
1
10
100
1000
0
0.4
0.8
1.2
1.6
2
I - COLLECTOR CURRE NT (mA)
C
V
= 5V
CE
25 °C
- 40 °C
125 °C
NPN Darlington Transistor
(continued)
MPSA28/MMBTA28/PZTA28, Rev A


Similar Part No. - MPSA28

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA28 MOTOROLA-MPSA28 Datasheet
130Kb / 4P
   Darlington Transistor
logo
Fairchild Semiconductor
MPSA28 FAIRCHILD-MPSA28 Datasheet
122Kb / 4P
   NPN Darlington Transistor
logo
Central Semiconductor C...
MPSA28 CENTRAL-MPSA28 Datasheet
20Kb / 1P
   Small Signal Transistors
logo
ON Semiconductor
MPSA28 ONSEMI-MPSA28 Datasheet
72Kb / 4P
   Darlington Transistors
March, 2001 ??Rev. 1
MPSA28 ONSEMI-MPSA28 Datasheet
56Kb / 4P
   Darlington Transistors NPN Silicon
January, 2006 ??Rev. 2
More results

Similar Description - MPSA28

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
   NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
   NPN Darlington Transistor
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
   NPN (DARLINGTON TRANSISTOR)
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
   Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
   NPN Darlington Transistor
logo
NXP Semiconductors
BC517 PHILIPS-BC517 Datasheet
43Kb / 8P
   NPN Darlington transistor
1999 Apr 23
logo
Fairchild Semiconductor
TN6725A FAIRCHILD-TN6725A Datasheet
26Kb / 2P
   NPN Darlington Transistor
logo
First Components Intern...
BC618 FCI-BC618 Datasheet
73Kb / 5P
   NPN Darlington Transistor
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
   NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
   NPN Darlington Transistor
logo
Chenmko Enterprise Co. ...
CHBTA13PT CHENMKO-CHBTA13PT Datasheet
70Kb / 2P
   NPN Darlington Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com