Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ4558M-E1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AZ4558M-E1
Description  DUAL OPERATIONAL AMPLIFIERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ4558M-E1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZ4558M-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ4558M-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ4558M-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ4558M-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ4558M-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ4558M-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ4558M-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ4558M-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ4558M-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DUAL OPERATIONAL AMPLIFIERS
AZ4558
Data Sheet
5
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Operating Conditions: VCC=+15V, VEE=-15V, TA=25
oC unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
0.5
6
mV
Input Bias Current
VCM=0V
25
250
nA
Input Offset Current
VCM=0V
2.5
100
nA
Input Resistance
0.3
5
M
Supply Current
RL=∞, Over full temperature
range
3.3
5.7
mA
Large Signal Voltage Gain
RL≥2Κ, VO=±10V
85
100
dB
Common Mode Rejection Ratio
RS≤10kΩ
80
92
dB
Power Supply Rejection Ratio
RS≤10kΩ
80
95
dB
Output Current
Source
V+=1V, V-=0V, VO=2V
50
mA
Sink
V+=0V, V-=1V, VO=2V
50
mA
Output Voltage Swing
RL2KΩ
±10
±13
V
RL10KΩ
±12
±14
Slew Rate
RL=2KΩ, CL=100pF
1.3
V/
µS
Equivalent Input Noise Voltage Density
RS=50Ω, f=1KHz
10
Gain Bandwidth Product
RL=2KΩ, f=10KHz
3.4
MHz
Hz
nV
Electrical Characteristics


Similar Part No. - AZ4558M-E1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
logo
Advanced Analog Technol...
AZ4558A AAT-AZ4558A Datasheet
221Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
AZ4558AM AAT-AZ4558AM Datasheet
221Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
AZ4558AP AAT-AZ4558AP Datasheet
221Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558C BCDSEMI-AZ4558C Datasheet
52Kb / 2P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
More results

Similar Description - AZ4558M-E1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
   Dual Operational Amplifiers
logo
Texas Instruments
LM258A-EP TI1-LM258A-EP_14 Datasheet
514Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
   DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
   Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
   Dual Operational Amplifiers
logo
uPI Group Inc.
US5501 UPI-US5501 Datasheet
154Kb / 10P
   Dual Operational Amplifiers
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
   Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com