Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K573AB Datasheet(PDF) 2 Page - MTRONPTI

Part # K573AB
Description  3.3V Voltage Controlled Crystal Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

K573AB Datasheet(HTML) 2 Page - MTRONPTI

  K573AB Datasheet HTML 1Page - MTRONPTI K573AB Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PIN
FUNCTION
Voltage Control
1
4
5
8
Gnd/ & Case Gnd
Output
+ VCC
2553 N. Edgington Street, Franklin Park, IL 60131
Phone: 847.451.1000
Fax: 847.451.7585
800-888-1499 or www.champtech.com
2
SHIPPING TUBE CROSS SECTION
OUTPUT WAVEFORM
TEST CIRCUIT DIAGRAM
K573A Series
3.3V Voltage Controlled Crystal Oscillators
TEST METHODS
REFERENCE PROCEDURES
DESCRIPTION
Temperature Cycle
MIL-STD-833, Mtd 1010, Cond. B
Mechanical Shock
MIL-STD-883, Mtd 2002, Cond. B
-55°C to +125°C; Air-to-Air; 100 cycles; 10
min. dwell
Vibration
MIL-STD 883, Mtd 2007, Cond. B
20-2000 Hz; 0.06 inch; 15g’s; 3 planes
Humidity Steady State
MIL-STD-202, Mtd 103
40°C; 90%-95% R.H.; 56 days
Thermal Shock
MIL-STD-883, Mtd 1011.7 Cond. B
Electrostatic Discharge
Solderability
Hermeticity
Resistance to Soldering
Lead Integrity
Marking Permanence
Life Test
100°C to 0°C; Water-to-Water; 15 cycles
2 KV to 4 KV Threshold
Solder dip; Meniscograph Criteria
Mass spectro. 2 x 10-8 atmos. CC/sec He
260°C; 10 seconds: 1 inch/sec.
Lead tension & bend stress
Resistance to solvents
1500 g’s
MIL-STD-883, Mtd 3015 Class II
MIL-STD-883, Mtd 1005.6
MIL-STD-883, Mtd 2022.2
MIL-STD-883, Mtd 1014.8, Cond. A1
MIL-STD-202, Mtd 210D, Cond. C
MIL-STD-883, Mtd 2004.5, Cond. A, B1
MIL-STD-883, Mtd 2015.8
125°C, powered, 1000 hours minimum
MECHANICAL AND ENVIRONMENTAL SPECIFICATIONS


Similar Part No. - K573AB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K573AB ETC1-K573AB Datasheet
413Kb / 2P
   3.3V Voltage Controlled Crystal Oscillators
K573ABM ETC1-K573ABM Datasheet
413Kb / 2P
   3.3V Voltage Controlled Crystal Oscillators
More results

Similar Description - K573AB

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
K1573A MTRONPTI-K1573A Datasheet
101Kb / 2P
   3.3V Voltage Controlled Crystal Oscillators
logo
List of Unclassifed Man...
K573A ETC1-K573A Datasheet
413Kb / 2P
   3.3V Voltage Controlled Crystal Oscillators
logo
MTRONPTI
K1613 MTRONPTI-K1613 Datasheet
404Kb / 2P
   3.3V Voltage Controlled Temperature Compensated Crystal Oscillators
logo
List of Unclassifed Man...
97SMOV ETC1-97SMOV Datasheet
130Kb / 1P
   Voltage Controlled Crystal Oscillators (=3.3V or =5.0V MODELS)
logo
Mercury United Electron...
G326 MERCURY-G326 Datasheet
74Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KV5032L KSS-KV5032L Datasheet
65Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
Crystek Corporation
CVXO-083 CRYSTEKCRYSTAL-CVXO-083 Datasheet
417Kb / 2P
   Voltage Controlled Crystal Oscillators
logo
Vectron International, ...
VC-480 VECTRON-VC-480 Datasheet
120Kb / 2P
   Voltage Controlled Crystal Oscillators
VC-490 VECTRON-VC-490 Datasheet
93Kb / 2P
   Voltage Controlled Crystal Oscillators
logo
List of Unclassifed Man...
CSX-750V ETC2-CSX-750V Datasheet
79Kb / 1P
   VOLTAGE CONTROLLED CRYSTAL OSCILLATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com