Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH8R06 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STTH8R06
Description  Turbo 2 ultrafast high voltage rectifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R06 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STTH8R06 Datasheet HTML 4Page - STMicroelectronics STTH8R06 Datasheet HTML 5Page - STMicroelectronics STTH8R06 Datasheet HTML 6Page - STMicroelectronics STTH8R06 Datasheet HTML 7Page - STMicroelectronics STTH8R06 Datasheet HTML 8Page - STMicroelectronics STTH8R06 Datasheet HTML 9Page - STMicroelectronics STTH8R06 Datasheet HTML 10Page - STMicroelectronics STTH8R06 Datasheet HTML 11Page - STMicroelectronics STTH8R06 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package information
STTH8R06
10/12
Figure 14.
Footprint (dimensions in mm)
Table 9.
D2PAK Dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.70
0.93
0.027
0.037
B2
1.14
1.70
0.045
0.067
C
0.45
0.60
0.017
0.024
C2
1.23
1.36
0.048
0.054
D
8.95
9.35
0.352
0.368
E
10.00
10.40
0.393
0.409
G
4.88
5.28
0.192
0.208
L
15.00
15.85
0.590
0.624
L2
1.27
1.40
0.050
0.055
L3
1.40
1.75
0.055
0.069
M
2.40
3.20
0.094
0.126
R
0.40 typ.
0.016 typ.
V2
G
L
L3
L2
B
B2
E
* FLAT ZONE NO LESS THAN 2mm
A
C2
D
R
A2
M
V2
C
A1
*
16.90
10.30
8.90
3.70
5.08
1.30


Similar Part No. - STTH8R06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
112Kb / 7P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH8R06-Y STMICROELECTRONICS-STTH8R06-Y Datasheet
125Kb / 8P
   Reduces switching losses
November 2011 Rev 1
STTH8R06D STMICROELECTRONICS-STTH8R06D Datasheet
112Kb / 7P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH8R06D STMICROELECTRONICS-STTH8R06D Datasheet
172Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH8R06DIRG STMICROELECTRONICS-STTH8R06DIRG Datasheet
172Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
More results

Similar Description - STTH8R06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
October 2002 - Ed: 3B
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
   Turbo 2 ultrafast - high voltage rectifier
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
   Turbo 2 ultrafast high voltage rectifier
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
   Turbo 2 ultrafast high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH6006W STMICROELECTRONICS-STTH6006W Datasheet
99Kb / 7P
   Turbo 2 ultrafast - high voltage rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com