Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8421PST Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-8421PST
Description  six channel discrete-to-digital interface
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8421PST Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-8421PST Datasheet HTML 1Page - Holt Integrated Circuits HI-8421PST Datasheet HTML 2Page - Holt Integrated Circuits HI-8421PST Datasheet HTML 3Page - Holt Integrated Circuits HI-8421PST Datasheet HTML 4Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HOLT INTEGRATED CIRCUITS
www.holtic.com
HI-8421
DESCRIPTION
FEATURES
PIN CONFIGURATION
The HI-8421 isa six channel discrete-to-digital interface
device. Mixed-signal CMOS technology is used to provide
superior low-power performance. The HI-8421 has six
separate 28 Volt/ open sensing inputs. The device outputs
are CMOS/ TTL compatible and may be disabled (tri-state)
using the
and
pins.
The device isa drop-in replacement for the DEI1054. For
added functionality, the Holt HI-8422 offers eight channels
of Open/ Ground sensing and eight channels of
28V/ Ground sensing ina single device.
The HI-8421 is offered ina small footprint 16-pin plastic
package. Please contact the Holt sales department for
other packaging options.
CE
OE
!
!
!
!
!
Six independent 28 Volt/ Open sensing channels
5.0V single supply operation
Low power CMOS technology
Military processing options available
Drop in replacement for DEI1054
HI-8421PS
IN1
IN2
IN3
IN4
IN5
IN6
OE
CE
GND
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
VDD
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
16-Pin Plastic SOIC package
(Narrow Body)
October 2001
(DS8421 Rev. New)
10/01
Discrete
Output
Input
Open
0
01
28 Volts
0
00
X
1
X
HighZ
X
X
1
HighZ
CE
OE
FUNCTION TABLE
+
-
OUT1
+
-
OUT2
+
-
OUT3
+
-
OUT4
+
-
OUT5
+
-
OUT6
BLOCK DIAGRAM
OE
CE
VDD
IN1
IN2
IN3
IN4
IN5
IN6
GND
66K
29K
66K
29K
66K
29K
66K
29K
66K
29K
66K
29K
3.6V Reference


Similar Part No. - HI-8421PST

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8421PST HOLTIC-HI-8421PST Datasheet
68Kb / 5P
   6-Channel / 8-Channel Discrete-to-Digital Interface
HI-8421PSTF HOLTIC-HI-8421PSTF Datasheet
68Kb / 5P
   6-Channel / 8-Channel Discrete-to-Digital Interface
More results

Similar Description - HI-8421PST

ManufacturerPart #DatasheetDescription
logo
Device Engineering Inco...
DEI1058 DEIAZ-DEI1058 Datasheet
428Kb / 5P
   Six Channel Discrete-to-Digital Interface Sensing 28 Volt/Ground
DEI1054 DEIAZ-DEI1054 Datasheet
369Kb / 7P
   Six Channel Discrete-to-Digital Interface Sensing 28 Volt/Open
DEI1026A DEIAZ-DEI1026A Datasheet
425Kb / 9P
   Six Channel Discrete-to-Digital Interface Sensing Open/Ground Signals
logo
Holt Integrated Circuit...
HI-8420 HOLTIC-HI-8420 Datasheet
156Kb / 4P
   Six-Channel Discrete-to-Digital Interface Sensing Open / Ground Signals
logo
Device Engineering Inco...
DEI1026 DEIAZ-DEI1026 Datasheet
264Kb / 8P
   Six Channel Discrete-to-Digital Interface Sensing Open/Ground Signals
logo
Holt Integrated Circuit...
HI-8422 HOLTIC-HI-8422_10 Datasheet
68Kb / 7P
   16-Channel Discrete-to-Digital Interface
HI-8422 HOLTIC-HI-8422_06 Datasheet
130Kb / 6P
   16-Channel Discrete-to-Digital Interface
HI-8420 HOLTIC-HI-8420 Datasheet
69Kb / 6P
   6-Channel / 8-Channel Discrete-to-Digital Interface
HI-8421-10 HOLTIC-HI-8421-10 Datasheet
68Kb / 5P
   6-Channel / 8-Channel Discrete-to-Digital Interface
HI-8423 HOLTIC-HI-8423_13 Datasheet
64Kb / 6P
   6-Channel / 8-Channel Discrete-to-Digital Interface Sensing Open / Ground Signals
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com