Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS339IYD Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS339IYD
Description  Micropower Quad CMOS Voltage Comparators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS339IYD Datasheet(HTML) 9 Page - STMicroelectronics

  TS339IYD Datasheet HTML 1Page - STMicroelectronics TS339IYD Datasheet HTML 2Page - STMicroelectronics TS339IYD Datasheet HTML 3Page - STMicroelectronics TS339IYD Datasheet HTML 4Page - STMicroelectronics TS339IYD Datasheet HTML 5Page - STMicroelectronics TS339IYD Datasheet HTML 6Page - STMicroelectronics TS339IYD Datasheet HTML 7Page - STMicroelectronics TS339IYD Datasheet HTML 8Page - STMicroelectronics TS339IYD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TS339
Revision History
9/9
5
Revision History
Date
Revision
Changes
Jan. 2003
1
Initial release.
Aug. 2005
2
1 - PPAP references inserted in the datasheet see
Table : Order Codes
on page 1.
2 - ESD protection inserted in
Table 1: Key parameters and their
absolute maximum ratings on page 2.
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are
subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics.
All other names are the property of their respective owners
© 2005 STMicroelectronics - All rights reserved
STMicroelectronics group of companies
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America
www.st.com


Similar Part No. - TS339IYD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS339I STMICROELECTRONICS-TS339I Datasheet
51Kb / 6P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
More results

Similar Description - TS339IYD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
TS3704C STMICROELECTRONICS-TS3704C Datasheet
51Kb / 6P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
TS339C STMICROELECTRONICS-TS339C Datasheet
51Kb / 6P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
TSX3704 STMICROELECTRONICS-TSX3704 Datasheet
990Kb / 22P
   Micropower quad CMOS voltage comparators
February 2016 Rev 2
TS3V3704 STMICROELECTRONICS-TS3V3704 Datasheet
59Kb / 6P
   3V MICROPOWER QUAD VOLTAGE COMPARATORS
logo
Texas Instruments
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3704 TI-TLC3704 Datasheet
350Kb / 31P
[Old version datasheet]   QUAD MICROPOWER LinCMOSE VOLTAGE COMPARATORS
TLC3704 TI1-TLC3704_16 Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3704-Q1 TI-TLC3704-Q1 Datasheet
383Kb / 23P
[Old version datasheet]   QUAD MICROPOWER LINCMOS VOLTAGE COMPARATORS
logo
STMicroelectronics
TS3V339 STMICROELECTRONICS-TS3V339 Datasheet
59Kb / 6P
   3V MICROPOWER QUAD VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com