Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8445PSTF-10 Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-8445PSTF-10
Description  Quad / Octal ARINC 429 Line Receivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8445PSTF-10 Datasheet(HTML) 6 Page - Holt Integrated Circuits

  HI-8445PSTF-10 Datasheet HTML 1Page - Holt Integrated Circuits HI-8445PSTF-10 Datasheet HTML 2Page - Holt Integrated Circuits HI-8445PSTF-10 Datasheet HTML 3Page - Holt Integrated Circuits HI-8445PSTF-10 Datasheet HTML 4Page - Holt Integrated Circuits HI-8445PSTF-10 Datasheet HTML 5Page - Holt Integrated Circuits HI-8445PSTF-10 Datasheet HTML 6Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Package Type:
20-PIN PLASTIC TSSOP
20HS
HI-8444, HI-8445, HI-8448 PACKAGE DIMENSIONS
Inches (millimeters)
HOLT INTEGRATED CIRCUITS
6
Package Type:
0° £ Q £ 7°
Detail A
See Detail A
SQ.
44PQS
44-PIN PLASTIC QUAD FLAT PACK (PQFP)
.007
(.17)
.547 ± .010
(13.90 ± .25)
.394 ± .004
(10.0 ± .10)
SQ.
MAX.
.014 ± ..002
(.35 ± .05)
.035 +.006 / -.004
(.88 +.15 / -.10)
.008 R
(.20 R)TYP.
.012
(.30 R)TYP.
.079 +.004 / -.006
(2.00 +.10 / -.15)
.097
(2.45) MAX.
.0315 BSC
(.80 BSC)
TYP
0° to 8°
SEE DETAIL A
DETAIL A
BSC
DIA
.252
(6.4)
.039
(1.0)
.0096 ± .0022
(.245 ± .055)
.256 ± .004
(6.50 ± .10)
.173 ± .039
(4.40 ± .10)
.0057 ± .0022
(.145 ± .055)
.035 ± .002
(.90 ± .05)
.004 ± .002
(.10 ± .05)
.026
(.65)
.020 - .030
(.50 - .75)
.039
(1.0)
.039
(1.0)


Similar Part No. - HI-8445PSTF-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8445PSTF-10 HOLTIC-HI-8445PSTF-10 Datasheet
84Kb / 9P
   Quad / Octal ARINC 429 Line Receivers
More results

Similar Description - HI-8445PSTF-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8444 HOLTIC-HI-8444 Datasheet
139Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8444 HOLTIC-HI-8444_10 Datasheet
84Kb / 9P
   Quad / Octal ARINC 429 Line Receivers
HI-3596 HOLTIC-HI-3596_15 Datasheet
1Mb / 18P
   Octal ARINC 429 Receivers
HI-8444 HOLTIC-HI-8444_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
HI-8448 HOLTIC-HI-8448_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
logo
Device Engineering Inco...
DEI1148 DEIAZ-DEI1148 Datasheet
532Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1046A DEIAZ-DEI1046A Datasheet
211Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1049 DEIAZ-DEI1049 Datasheet
690Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1046 DEIAZ-DEI1046 Datasheet
413Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1044A DEIAZ-DEI1044A Datasheet
212Kb / 7P
   QUAD ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com