Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W39F010 Datasheet(PDF) 7 Page - Winbond

Part # W39F010
Description  128K 횞 8 CMOS FLASH MEMORY
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39F010 Datasheet(HTML) 7 Page - Winbond

Back Button W39F010 Datasheet HTML 3Page - Winbond W39F010 Datasheet HTML 4Page - Winbond W39F010 Datasheet HTML 5Page - Winbond W39F010 Datasheet HTML 6Page - Winbond W39F010 Datasheet HTML 7Page - Winbond W39F010 Datasheet HTML 8Page - Winbond W39F010 Datasheet HTML 9Page - Winbond W39F010 Datasheet HTML 10Page - Winbond W39F010 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
W39F010
Publication Release Date: December 26, 2005
- 7 -
Revision A4
6.
FUNCTIONAL DESCRIPTION
6.1
Device Bus Operation
6.1.1
Read Mode
The read operation of the W39F010 is controlled by #CE and #OE, both of which have to be low for
the host to obtain data from the outputs. #CE is used for device selection. When #CE is high, the chip
is de-selected and only standby power will be consumed. #OE is the output control and is used to gate
data from the output pins. The data bus is in high impedance state when either #CE or #OE is high.
Refer to the timing waveforms for further details.
6.1.2
Write Mode
Device erasure and programming are accomplished via the command register. The contents of the
register serve as inputs to the internal state machine. The state machine outputs dictate the function
of the device.
The command register itself does not occupy any addressable memory location. The register is a latch
used to store the commands, along with the address and data information needed to execute the
command. The command register is written to bring #WE to logic low state, while #CE is at logic low
state and #OE is at logic high state. Addresses are latched on the falling edge of #WE or #CE,
whichever happens later; while data is latched on the rising edge of #WE or #CE, whichever happens
first. Standard microprocessor write timings are used.
Refer to AC Write Characteristics and the Erase/Programming Waveforms for specific timing
parameters.
6.1.3
Standby Mode
There are two ways to implement the standby mode on the W39F010 device, both using the #CE pin.
A CMOS standby mode is achieved with the
#CE input held at VDD
±0.5V. Under this condition the current
is typically reduced to less than 50
μA. A TTL standby mode is achieved with the #CE pin held at VIH.
Under this condition the current is typically reduced to 2 mA.
In the standby mode the outputs are in the high impedance state, independent of the #OE input.
6.1.4
Output Disable Mode
With the #OE input at a logic high level (VIH), output from the device is disabled. This will cause the
output pins to be in a high impedance state.
6.2
Data Protection
The W39F010 is designed to offer protection against accidental erasure or programming caused by
spurious system level signals that may exist during power transitions. During power up the device
automatically resets the internal state machine in the Read mode. Also, with its control register
architecture, alteration of the memory contents only occurs after successful completion of specific
multi-bus cycle command sequences. The device also incorporates several features to prevent
inadvertent write cycles resulting from VDD power-up and power-down transitions or system noise.


Similar Part No. - W39F010

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3906B0100 PULSE-W3906B0100 Datasheet
1Mb / 20P
   LTE Primary GNSS FPC Antenna
W3906B0100 PULSE-W3906B0100 Datasheet
760Kb / 4P
   : Flexible PCB Antennas ISM, WiFi ,2G/3G/4G, LTE, GNSS
W3907B0100 PULSE-W3907B0100 Datasheet
968Kb / 15P
   LTE 698 3600MHz FPC Antenna
W3907B0100 PULSE-W3907B0100 Datasheet
760Kb / 4P
   : Flexible PCB Antennas ISM, WiFi ,2G/3G/4G, LTE, GNSS
W3907B0127 PULSE-W3907B0127 Datasheet
968Kb / 15P
   LTE 698 3600MHz FPC Antenna
More results

Similar Description - W39F010

ManufacturerPart #DatasheetDescription
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L020 WINBOND-W39L020 Datasheet
343Kb / 26P
   256K 횞 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
W39L040A WINBOND-W39L040A Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
logo
Intel Corporation
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
   1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
   1024K (128K x 8) CMOS FLASH MEMORY
28F010 INTEL-28F010 Datasheet
405Kb / 30P
   1024K (128K x 8) CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com