Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W39F010-90B Datasheet(PDF) 10 Page - Winbond

Part # W39F010-90B
Description  128K 횞 8 CMOS FLASH MEMORY
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39F010-90B Datasheet(HTML) 10 Page - Winbond

Back Button W39F010-90B Datasheet HTML 6Page - Winbond W39F010-90B Datasheet HTML 7Page - Winbond W39F010-90B Datasheet HTML 8Page - Winbond W39F010-90B Datasheet HTML 9Page - Winbond W39F010-90B Datasheet HTML 10Page - Winbond W39F010-90B Datasheet HTML 11Page - Winbond W39F010-90B Datasheet HTML 12Page - Winbond W39F010-90B Datasheet HTML 13Page - Winbond W39F010-90B Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
W39F010
- 10 -
6.4.4
Chip Erase Command
Chip erase is a six-bus-cycle operation. There are two "unlock" write cycles, followed by writing the
"set-up" command. Two more "unlock" write cycles are asserted, followed by the chip erase
command.
Chip erase does not require the user to program the device prior to erase. Upon executing the
Embedded Erase Algorithm command sequence the device will automatically erase and verify the
entire memory for an all one data pattern. The erase is performed sequentially on each pages at the
same time (see "Feature"). The system is not required to provide any controls or timings during these
operations.
The automatic erase begins on the rising edge of the last #WE pulse in the command sequence and
terminates when the data on DQ7 is "1" at which time the device returns to read the mode.
Refer to the Erase Command Flow Chart using typical command strings and bus operations.
6.4.5
Page Erase Command
Page erase is a six-bus cycles operation. There are two "unlock" write cycles, followed by writing the
"set-up" command. Two more "unlock" write cycles then follows by the page erase command. The
page address (any address location within the desired page) is latched on the falling edge of #WE,
while the command (50H) is latched on the rising edge of #WE.
Page erase does not require the user to program the device prior to erase. When erasing a page, the
remaining unselected pages are not affected. The system is not required to provide any controls or
timings during these operations.
The automatic page erase begins after the erase command is completed, right from the rising edge of
the #WE pulse for the last page erase command pulse and terminates when the data on DQ7, Data
Polling, is "1" at which time the device returns to the read mode. Data Polling must be performed at an
address within any of the pages being erased.
Refer to the Erase Command flow Chart using typical command strings and bus operations.
6.5
Write Operation Status
6.5.1
DQ7: Data Polling
The W39F010 device features Data Polling as a method to indicate to the host that the embedded
algorithms are in progress or completed.
During the Embedded Program Algorithm, an attempt to read the device will produce the complement
of the data last written to DQ7. Upon completion of the Embedded Program Algorithm, an attempt to
read the device will produce the true data last written to DQ7.
During the Embedded Erase Algorithm, an attempt to read the device will produce a "0" at the DQ7
output. Upon completion of the Embedded Erase Algorithm, an attempt to read the device will produce
a "1" at the DQ7 output.
For chip erase, the Data Polling is valid after the rising edge of the sixth pulse in the six #WE write
pulse sequences. For page erase, the Data Polling is valid after the last rising edge of the page erase
#WE pulse. Data Polling must be performed at addresses within any of the pages being erased.
Otherwise, the status may not be valid.


Similar Part No. - W39F010-90B

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3906B0100 PULSE-W3906B0100 Datasheet
1Mb / 20P
   LTE Primary GNSS FPC Antenna
W3906B0100 PULSE-W3906B0100 Datasheet
760Kb / 4P
   : Flexible PCB Antennas ISM, WiFi ,2G/3G/4G, LTE, GNSS
W3907B0100 PULSE-W3907B0100 Datasheet
968Kb / 15P
   LTE 698 3600MHz FPC Antenna
W3907B0100 PULSE-W3907B0100 Datasheet
760Kb / 4P
   : Flexible PCB Antennas ISM, WiFi ,2G/3G/4G, LTE, GNSS
W3907B0127 PULSE-W3907B0127 Datasheet
968Kb / 15P
   LTE 698 3600MHz FPC Antenna
More results

Similar Description - W39F010-90B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L020 WINBOND-W39L020 Datasheet
343Kb / 26P
   256K 횞 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
W39L040A WINBOND-W39L040A Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
logo
Intel Corporation
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
   1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
   1024K (128K x 8) CMOS FLASH MEMORY
28F010 INTEL-28F010 Datasheet
405Kb / 30P
   1024K (128K x 8) CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com