Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83697UF Datasheet(PDF) 9 Page - Winbond

Part # W83697UF
Description  LPC I/O
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83697UF Datasheet(HTML) 9 Page - Winbond

Back Button W83697UF Datasheet HTML 5Page - Winbond W83697UF Datasheet HTML 6Page - Winbond W83697UF Datasheet HTML 7Page - Winbond W83697UF Datasheet HTML 8Page - Winbond W83697UF Datasheet HTML 9Page - Winbond W83697UF Datasheet HTML 10Page - Winbond W83697UF Datasheet HTML 11Page - Winbond W83697UF Datasheet HTML 12Page - Winbond W83697UF Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
W83697UF/W83697UG
Publication Release Date: May 26, 2005
- 9 -
Revision A1
5. PIN DESCRIPTION
Note: Please refer to Section DC CHARACTERISTICS for details
PIN DESCRIPTION
I/O8t
TTL level bi-directional pin with 8mA source-sink capability
I/O12t
TTL level bi-directional pin with 12mA source-sink capability
I/O24t
TTL level bi-directional pin with 24 mA source-sink capability
I/O12tp3
3.3V TTL level bi-directional pin with 12mA source-sink capability
I/O12ts
TTL level Schmitt-trigger bi-directional pin with 12mA source-sink capability
I/O24ts
TTL level Schmitt-trigger bi-directional pin with 24mA source-sink capability
I/O24tsp3
3.3V TTL level Schmitt-trigger bi-directional pin with 24mA source-sink
capability
I/OD12t
TTL level bi-directional pin and open-drain output with 12mA sink capability
I/OD24t
TTL level bi-directional pin and open-drain output with 24mA sink capability
I/OD24c
CMOS level bi-directional pin and open-drain output with 24mA sink capability
I/OD24a
Bi-directional pin with analog input and open-drain output with 24mA sink
capability
I/OD12ts
TTL level Schmitt-trigger bi-directional pin and open-drain output with 12mA
sink capability
I/OD24ts
TTL level Schmitt-trigger bi-directional pin and open-drain output with 24mA
sink capability
I/OD12cs
CMOS level Schmitt-trigger bi-directional pin and open-drain output with 12mA
sink capability
I/OD16cs
CMOS level Schmitt-trigger bi-directional pin and open-drain output with 16mA
sink capability
I/OD24cs
CMOS level Schmitt-trigger bi-directional pin and open-drain output with 24mA
sink capability
I/OD12csd
CMOS level Schmitt-trigger bi-directional pin with internal pull down resistor and
open-drain output with 12mA sink capability
I/OD12csu
CMOS level Schmitt-trigger bi-directional pin with internal pull up resistor and
open-drain output with 12mA sink capability
O4
Output pin with 4 mA source-sink capability
O8
Output pin with 8 mA source-sink capability
O12
Output pin with 12 mA source-sink capability
O16
Output pin with 16 mA source-sink capability
O24
Output pin with 24 mA source-sink capability
O12p3
3.3V output pin with 12 mA source-sink capability


Similar Part No. - W83697UF

ManufacturerPart #DatasheetDescription
logo
Winbond
W83697 WINBOND-W83697 Datasheet
1Mb / 167P
   WINBOND I/O
W83697 WINBOND-W83697 Datasheet
821Kb / 128P
   WINBOND I/O
W83697F WINBOND-W83697F Datasheet
1Mb / 167P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
789Kb / 102P
   LPC I/O
More results

Similar Description - W83697UF

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83627UHG NUVOTON-W83627UHG Datasheet
1Mb / 250P
   LPC I/O
logo
Winbond
W83697HF WINBOND-W83697HF_05 Datasheet
789Kb / 102P
   LPC I/O
logo
Nuvoton Technology Corp...
NCT5577D NUVOTON-NCT5577D Datasheet
3Mb / 327P
   LPC I/O
W83527HG NUVOTON-W83527HG Datasheet
1Mb / 170P
   LPC I/O
logo
Winbond
W83637HF WINBOND-W83637HF Datasheet
936Kb / 149P
   LPC I/O
logo
Nuvoton Technology Corp...
NCT6102D NUVOTON-NCT6102D Datasheet
12Mb / 455P
   LPC I/O
NCT6776F NUVOTON-NCT6776F Datasheet
4Mb / 449P
   LPC I/O
logo
Winbond
W83637HF WINBOND-W83637HF_06 Datasheet
1Mb / 151P
   LPC I/O
W83627EHF_0611 WINBOND-W83627EHF_0611 Datasheet
1Mb / 144P
   WINBOND LPC I/O
logo
Nuvoton Technology Corp...
W83627UHG NUVOTON-W83627UHG_10 Datasheet
1Mb / 251P
   NUVOTON LPC I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com