Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8482UT Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI-8482UT
Description  ARINC 429 DUAL LINE RECEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8482UT Datasheet(HTML) 8 Page - Holt Integrated Circuits

Back Button HI-8482UT Datasheet HTML 2Page - Holt Integrated Circuits HI-8482UT Datasheet HTML 3Page - Holt Integrated Circuits HI-8482UT Datasheet HTML 4Page - Holt Integrated Circuits HI-8482UT Datasheet HTML 5Page - Holt Integrated Circuits HI-8482UT Datasheet HTML 6Page - Holt Integrated Circuits HI-8482UT Datasheet HTML 7Page - Holt Integrated Circuits HI-8482UT Datasheet HTML 8Page - Holt Integrated Circuits HI-8482UT Datasheet HTML 9Page - Holt Integrated Circuits HI-8482UT Datasheet HTML 10Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package Type:
.017 ± .002
(.432 ± .051)
.100 ± .005
(2.540 ± .127)
.310 ± .010
(7.874 ± .254)
.125 MIN.
(3.175 MIN.)
.050 TYP.
(1.270 TYP.)
.200 MAX.
(5.080 MAX.)
1.000 ± .010
(25.400 ± .254)
.010 + .002/ -.001
(.254 + .051/ -.025)
.300 ± .010
(7.620 ± .254)
.085 ± .009
(2.159 ± .229)
20-PIN CERAMIC SIDE-BRAZED DIP
20C
HI-8482 PACKAGE DIMENSIONS
inches (millimeters)
.5035 ± .0075
(12.789 ± .191)
.4065 ± .0125
(10.325 ± .318)
.296 ± .003
(7.518 ± .076)
0° to 8°
.090 ± .010
(2.286 ± .254)
.0075 ± .0035
(.191 ± .089)
.050
(1.27) TYP
.018
(.457) TYP
SEE DETAIL A
DETAIL A
.033 ± .017
(.838 ± .432)
Package Type:
20-PIN PLASTIC SMALL OUTLINE (SOIC) - WB
(Wide Body)
20HW
.0105 ± .0015
(.2667 ± .0381)
HOLT INTEGRATED CIRCUITS
8


Similar Part No. - HI-8482UT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8482UT HOLTIC-HI-8482UT Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
More results

Similar Description - HI-8482UT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8483 HOLTIC-HI-8483 Datasheet
103Kb / 11P
   ARINC 429 Dual Line Receiver
logo
List of Unclassifed Man...
RM3183 ETC1-RM3183 Datasheet
86Kb / 12P
   Dual ARINC 429 Line Receiver
logo
Device Engineering Inco...
DEI3283 DEIAZ-DEI3283 Datasheet
590Kb / 11P
   DUAL ARINC 429 LINE RECEIVER
logo
Fairchild Semiconductor
RM3283 FAIRCHILD-RM3283 Datasheet
144Kb / 10P
   Dual ARINC 429 Line Receiver
logo
Holt Integrated Circuit...
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8588 HOLTIC-HI-8588_06 Datasheet
116Kb / 6P
   ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com