Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25P16VSFI Datasheet(PDF) 7 Page - Winbond

Part # W25P16VSFI
Description  8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25P16VSFI Datasheet(HTML) 7 Page - Winbond

Back Button W25P16VSFI Datasheet HTML 3Page - Winbond W25P16VSFI Datasheet HTML 4Page - Winbond W25P16VSFI Datasheet HTML 5Page - Winbond W25P16VSFI Datasheet HTML 6Page - Winbond W25P16VSFI Datasheet HTML 7Page - Winbond W25P16VSFI Datasheet HTML 8Page - Winbond W25P16VSFI Datasheet HTML 9Page - Winbond W25P16VSFI Datasheet HTML 10Page - Winbond W25P16VSFI Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
W25P80 AND W25P16
Publication Release Date: September 22, 2006
- 7 -
Revision L
6.1
Package Types
The W25P80/16 are primarily offered in SOIC packages. The W25P80 and W25P16 use an 8-pin
plastic 208-mil width SOIC (Winbond package code SS) (NexFlash package code S) and the W25P16
also uses a 16-pin plastic 300-mil width SOIC (Winbond package code SF) (NexFlash package code
F) as shown in figures 1A and 1B respectively. Package diagrams and dimensions are illustrated at
the end of this data sheet. Optional 8-contact MLP packages may be available.
Please contact
Winbond for further MLP package information.
6.2
Chip Select (/CS)
The SPI Chip Select (/CS) pin enables and disables device operation. When /CS is high the device is
deselected and the Serial Data Output (DO) pin is at high impedance. When deselected, the devices
power consumption will be at standby levels unless an internal erase, program or status register cycle
is in progress. When /CS is brought low the device will be selected, power consumption will increase
to active levels and instructions can be written to and data read from the device. After power-up, /CS
must transition from high to low before a new instruction will be accepted. The /CS input must track
the VCC supply level at power-up (see “Write Protection” and figure 16). If needed a pull-up resister
on /CS can be used to accomplish this.
6.3
Serial Data Output (DO)
The SPI Serial Data Output (DO) pin provides a means for data and status to be serially read from
(shifted out of) the device. Data is shifted out on the falling edge of the Serial Clock (CLK) input pin.
6.4
Write Protect (/WP)
The Write Protect (/WP) pin can be used to prevent the Status Register from being written. Used in
conjunction with the Status Register’s Block Protect (BP2, BP1, and BP0) bits and Status Register
Protect (SRP) bits, a portion or the entire memory array can be hardware protected. The /WP pin is
active low.
6.5
HOLD (/HOLD)
The /HOLD pin allows the device to be paused while it is actively selected. When /HOLD is brought
low, while /CS is low, the DO pin will be at high impedance and signals on the DI and CLK pins will be
ignored (don’t care). When /HOLD is brought high, device operation can resume. The /HOLD function
can be useful when multiple devices are sharing the same SPI signals. (“See Hold function”)
6.6
Serial Clock (CLK)
The SPI Serial Clock Input (CLK) pin provides the timing for serial input and output operations. ("See
SPI "Operations")
6.7
Serial Data Input (DI)
The SPI Serial Data Input (DI) pin provides a means for instructions, addresses and data to be serially
written to (shifted into) the device. Data is latched on the rising edge of the Serial Clock (CLK) input
pin.


Similar Part No. - W25P16VSFI

ManufacturerPart #DatasheetDescription
logo
Winbond
W25P16VSFIG-TR WINBOND-W25P16VSFIG-TR Datasheet
924Kb / 43P
   8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY
More results

Similar Description - W25P16VSFI

ManufacturerPart #DatasheetDescription
logo
Winbond
W25P80 WINBOND-W25P80_07 Datasheet
966Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
W25P16VSFIG-TR WINBOND-W25P16VSFIG-TR Datasheet
924Kb / 43P
   8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY
W25Q80 WINBOND-W25Q80 Datasheet
1Mb / 61P
   8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
List of Unclassifed Man...
PN25F08 ETC2-PN25F08 Datasheet
1Mb / 59P
   8M-BIT SERIAL FLASH MEMORY
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806_10 Datasheet
180Kb / 22P
   8M-bit (1M횞8) Serial Flash Memory
logo
OKI electronic componet...
MSM9894AL OKI-MSM9894AL Datasheet
114Kb / 7P
   8M-bit Serial Voice Flash Memory
logo
ON Semiconductor
ENA2262A ONSEMI-ENA2262A Datasheet
161Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
April, 2014
ENA2269 ONSEMI-ENA2269 Datasheet
150Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
December, 2013
ENA2263 ONSEMI-ENA2263 Datasheet
160Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
December, 2013
logo
Samsung semiconductor
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com