Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMS7141010S Datasheet(PDF) 10 Page - Winbond

Part # WMS7141010S
Description  NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE, 10KOHM, 50KOHM, 100KOHM RESISTANCE 16 TAPS WITH OPTIONAL OUTPUT BUFFER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7141010S Datasheet(HTML) 10 Page - Winbond

Back Button WMS7141010S Datasheet HTML 6Page - Winbond WMS7141010S Datasheet HTML 7Page - Winbond WMS7141010S Datasheet HTML 8Page - Winbond WMS7141010S Datasheet HTML 9Page - Winbond WMS7141010S Datasheet HTML 10Page - Winbond WMS7141010S Datasheet HTML 11Page - Winbond WMS7141010S Datasheet HTML 12Page - Winbond WMS7141010S Datasheet HTML 13Page - Winbond WMS7141010S Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
WMS7140/1
- 10 -
TABLE 10 – TIMING PARAMETERS
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
CS
to INC Setup
tCI
100
ns
U/ D to INC Setup
tDI
50
ns
U/ D to INC Hold
tID
100
ns
INC
LOW Period
tIL
250
ns
INC
HIGH Period
tIH
250
ns
INC
Inactive to CS Inactive
tIC
1
µs
CS
Deselect Time (NO STORE)
tCPH
100
ns
CS
Deselect Time (STORE)
tCPH
15 (2.7V)
ms
INC
to VW Change
tIW
5
µs
INC
Cycle Time
tCYC
1
µs
INC
Input Rise and Fall Time
tR, tF
500
µs
Power-Up to Wiper Stable
tPU
1
ms
VCC Power-Up rate
tR VCC
0.2
(13ms
0-2.7V)
50
(54
µs
0-2.7V)
V/ms


Similar Part No. - WMS7141010S

ManufacturerPart #DatasheetDescription
logo
Winbond
WMS7110 WINBOND-WMS7110 Datasheet
383Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7110010M WINBOND-WMS7110010M Datasheet
383Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7110010P WINBOND-WMS7110010P Datasheet
383Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7110010S WINBOND-WMS7110010S Datasheet
383Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7110050M WINBOND-WMS7110050M Datasheet
383Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
More results

Similar Description - WMS7141010S

ManufacturerPart #DatasheetDescription
logo
Winbond
WMS7170 WINBOND-WMS7170 Datasheet
283Kb / 22P
   NON-VOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE, 10KOHM, 50KOHM, 100KOHM RESISTANCE 100 TAPS WITHOUT / WITH OUTPUT BUFFER
WMS7110 WINBOND-WMS7110 Datasheet
383Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7130 WINBOND-WMS7130 Datasheet
382Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7170 WINBOND-WMS7170_05 Datasheet
382Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
logo
ON Semiconductor
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
   Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
logo
Maxim Integrated Produc...
MAX5450 MAXIM-MAX5450 Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
logo
ON Semiconductor
CAT5269WI-50 ONSEMI-CAT5269WI-50 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. E
logo
Summit Microelectronics...
S9318 SUMMIT-S9318 Datasheet
34Kb / 6P
   Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
logo
Maxim Integrated Produc...
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com