Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8482CT Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-8482CT
Description  ARINC 429 DUAL LINE RECEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8482CT Datasheet(HTML) 9 Page - Holt Integrated Circuits

Back Button HI-8482CT Datasheet HTML 2Page - Holt Integrated Circuits HI-8482CT Datasheet HTML 3Page - Holt Integrated Circuits HI-8482CT Datasheet HTML 4Page - Holt Integrated Circuits HI-8482CT Datasheet HTML 5Page - Holt Integrated Circuits HI-8482CT Datasheet HTML 6Page - Holt Integrated Circuits HI-8482CT Datasheet HTML 7Page - Holt Integrated Circuits HI-8482CT Datasheet HTML 8Page - Holt Integrated Circuits HI-8482CT Datasheet HTML 9Page - Holt Integrated Circuits HI-8482CT Datasheet HTML 10Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HI-8482 PACKAGE DIMENSIONS
inches (millimeters)
HOLT INTEGRATED CIRCUITS
9
Package Type:
20-PIN CERDIP
1.060 MAX.
(26.924 MAX.)
.005 MIN.
(.127 MIN.)
.070 MAX.
(1.778 MAX.)
.288 ± .005
(7.315 ± .127)
.060 TYP.
(1.524 TYP.)
.100 ± .010
(2.540 ± .254)
.015 MIN.
(.381 MIN.)
.200 MAX.
(5.080 MAX.)
.125 MIN.
(3.175 MIN.)
.018 ± .003
(.457 ± .760)
0° to 15°
.010 ± .002
(.254 ± .051)
.310 ± .010
(7.874 ± .254)
.170 MAX.
(4.318 MAX.)
20D
Package Type:
20-PIN PLASTIC PLCC
PIN NO. 1 IDENT
.045 x 45°
.353 ± .003
(8.966 ± .076)
SQ.
.017 ± .004
(.432 ± .102)
.390 ± .005
(9.906 ± .127)
SQ.
.173 ± .008
(4.394 ± .203)
.009
.011
DETAIL A
R .025
.045
SEE DETAIL
A
.020 MIN
(.508 MIN)
.015 ± .002
(.381 ± .051)
.310 ± .020
(7.874 ± .508)
.050 ± .005
(1.27 ± .127)
.045 x 45°
20J


Similar Part No. - HI-8482CT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8482CT HOLTIC-HI-8482CT Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
More results

Similar Description - HI-8482CT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8483 HOLTIC-HI-8483 Datasheet
103Kb / 11P
   ARINC 429 Dual Line Receiver
logo
List of Unclassifed Man...
RM3183 ETC1-RM3183 Datasheet
86Kb / 12P
   Dual ARINC 429 Line Receiver
logo
Device Engineering Inco...
DEI3283 DEIAZ-DEI3283 Datasheet
590Kb / 11P
   DUAL ARINC 429 LINE RECEIVER
logo
Fairchild Semiconductor
RM3283 FAIRCHILD-RM3283 Datasheet
144Kb / 10P
   Dual ARINC 429 Line Receiver
logo
Holt Integrated Circuit...
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8588 HOLTIC-HI-8588_06 Datasheet
116Kb / 6P
   ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com