Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMS7140010P Datasheet(PDF) 6 Page - Winbond

Part # WMS7140010P
Description  NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE, 10KOHM, 50KOHM, 100KOHM RESISTANCE 16 TAPS WITH OPTIONAL OUTPUT BUFFER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7140010P Datasheet(HTML) 6 Page - Winbond

Back Button WMS7140010P Datasheet HTML 2Page - Winbond WMS7140010P Datasheet HTML 3Page - Winbond WMS7140010P Datasheet HTML 4Page - Winbond WMS7140010P Datasheet HTML 5Page - Winbond WMS7140010P Datasheet HTML 6Page - Winbond WMS7140010P Datasheet HTML 7Page - Winbond WMS7140010P Datasheet HTML 8Page - Winbond WMS7140010P Datasheet HTML 9Page - Winbond WMS7140010P Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
WMS7140/1
- 6 -
6. PIN DESCRIPTION
TABLE 1 – PIN DESCRIPTION
Pin Name
I/O
Description
INC
I
Increment Control. A High-Low transition of INC when
CS
is low will move the wiper up or down for one
increment based on the U/ D input
U/ D
I
Up/Down control Input. High state will cause the wiper to
move to the VB terminal, Low state to the VA terminal
VA
-
High terminal of WinPot
VSS
-
Ground pin, logic ground reference
VDD
-
Power Supply
CS
I
Chip Select. When CS is HIGH, the part is deselected
and the device will be in the standby mode. CS LOW
enables the part, placing it in the active power mode
VB
-
Low terminal of WinPot
VW
O
Wiper terminal of WinPot (can be buffered), its position on
the resistor array is controlled by the inputs on INC , U/ D ,
and CS


Similar Part No. - WMS7140010P

ManufacturerPart #DatasheetDescription
logo
Winbond
WMS7110 WINBOND-WMS7110 Datasheet
383Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7110010M WINBOND-WMS7110010M Datasheet
383Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7110010P WINBOND-WMS7110010P Datasheet
383Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7110010S WINBOND-WMS7110010S Datasheet
383Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7110050M WINBOND-WMS7110050M Datasheet
383Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
More results

Similar Description - WMS7140010P

ManufacturerPart #DatasheetDescription
logo
Winbond
WMS7170 WINBOND-WMS7170 Datasheet
283Kb / 22P
   NON-VOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE, 10KOHM, 50KOHM, 100KOHM RESISTANCE 100 TAPS WITHOUT / WITH OUTPUT BUFFER
WMS7110 WINBOND-WMS7110 Datasheet
383Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7130 WINBOND-WMS7130 Datasheet
382Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7170 WINBOND-WMS7170_05 Datasheet
382Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
logo
ON Semiconductor
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
   Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
logo
Maxim Integrated Produc...
MAX5450 MAXIM-MAX5450 Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
logo
ON Semiconductor
CAT5269WI-50 ONSEMI-CAT5269WI-50 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. E
logo
Summit Microelectronics...
S9318 SUMMIT-S9318 Datasheet
34Kb / 6P
   Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
logo
Maxim Integrated Produc...
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com