Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGFS45V2325A Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MGFS45V2325A
Description  2.3 - 2.5GHz BAND 32W INTERNALLY MATCHD GaAs FET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFS45V2325A Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MGFS45V2325A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - MGFS45V2325A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFS45V2325A MITSUBISHI-MGFS45V2325A Datasheet
237Kb / 2P
   2.3 - 2.5GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFS45V2325A MITSUBISHI-MGFS45V2325A Datasheet
118Kb / 2P
   2.3-2.5 GHz BAND / 32W
MGFS45V2325A MITSUBISHI-MGFS45V2325A_04 Datasheet
237Kb / 2P
   2.3 - 2.5GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFS45V2325A MITSUBISHI-MGFS45V2325A_11 Datasheet
118Kb / 2P
   2.3-2.5 GHz BAND / 32W
More results

Similar Description - MGFS45V2325A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFS45V2325 MITSUBISHI-MGFS45V2325 Datasheet
27Kb / 2P
   2.3 - 2.5GHz BAND 30W INTERNALLY MATCHD GaAs FET
MGFS45V2325A MITSUBISHI-MGFS45V2325A_04 Datasheet
237Kb / 2P
   2.3 - 2.5GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFL45V1920A MITSUBISHI-MGFL45V1920A Datasheet
50Kb / 1P
   1.9-2.0GHz BAND 32W INTERNALLY MATCHD GaAs FET
MGFL45V1920 MITSUBISHI-MGFL45V1920 Datasheet
301Kb / 3P
   1.9-2.0GHz BAND 32W INTERNALLY MATCHD GaAs FET
MGFS45V2123A MITSUBISHI-MGFS45V2123A Datasheet
48Kb / 1P
   2.1 - 2.3GHz BAND 32W INTERNALLY MATCHD GaAs FET
MGFS44V2735 MITSUBISHI-MGFS44V2735 Datasheet
93Kb / 2P
   2.7-3.5GHz BAND 25W INTERNALLY MATCHD GaAs FET
MGFX39V0717 MITSUBISHI-MGFX39V0717 Datasheet
92Kb / 2P
   10.7 - 11.7GHz BAND 8W INTERNALLY MATCHD GaAs FET
MGFS45V2123 MITSUBISHI-MGFS45V2123 Datasheet
25Kb / 2P
   2.1 - 2.3GHz BAND 30W INTERNALLY MATCHD GaAs FET
MGFK39V4045 MITSUBISHI-MGFK39V4045 Datasheet
20Kb / 1P
   14.0-14.5GHz BAND 8W INTERNALLY MATCHD GaAs FET
MGFS45V2527 MITSUBISHI-MGFS45V2527 Datasheet
32Kb / 2P
   2.5 - 2.7GHz BAND 30W INTERNALLY MATCHD GaAs FET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com