Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5SS128K36 Datasheet(PDF) 11 Page - Austin Semiconductor

Part # AS5SS128K36
Description  128K x 36 SSRAM SYNCHRONOUS ZBL SRAM FLOW-THRU OUTPUT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5SS128K36 Datasheet(HTML) 11 Page - Austin Semiconductor

Back Button AS5SS128K36 Datasheet HTML 7Page - Austin Semiconductor AS5SS128K36 Datasheet HTML 8Page - Austin Semiconductor AS5SS128K36 Datasheet HTML 9Page - Austin Semiconductor AS5SS128K36 Datasheet HTML 10Page - Austin Semiconductor AS5SS128K36 Datasheet HTML 11Page - Austin Semiconductor AS5SS128K36 Datasheet HTML 12Page - Austin Semiconductor AS5SS128K36 Datasheet HTML 13Page - Austin Semiconductor AS5SS128K36 Datasheet HTML 14Page - Austin Semiconductor AS5SS128K36 Datasheet HTML 15Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SRAM
AS5SS128K36
Austin Semiconductor, Inc.
AS5SS128K36
Rev. 2.0 12/00
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
AC TEST CONDITIONS
OUTPUT LOADS
Fig. 2 OUTPUT LOAD EQUIVALENT
Fig. 1 OUTPUT LOAD EQUIVALENT
Input pulse levels
Input timing reference levels
Input slew rate
Output reference levels
Output load
Vss to 3.3V
1.5V
1 ns
1.5V
See Figures 1 and 2
3.3v
Q
351
5 pF
317
Q
50
Z
0=50Ω
V
T
=1.5V
LOAD DERATING CURVES
The ASI 128K x 36 ZBL SRAM timing is dependent upon
the capacitive loading on the outputs.
Consult the factory for copies of I/O current versus
voltage curves.


Similar Part No. - AS5SS128K36

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SS256K18 AUSTIN-AS5SS256K18 Datasheet
217Kb / 13P
   256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
logo
Micross Components
AS5SS256K18 MICROSS-AS5SS256K18 Datasheet
644Kb / 14P
   Interally self-timed WRITE cycle
logo
Austin Semiconductor
AS5SS256K18DQ-10/IT AUSTIN-AS5SS256K18DQ-10/IT Datasheet
217Kb / 13P
   256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K18DQ-10/IT AUSTIN-AS5SS256K18DQ-10/IT Datasheet
141Kb / 13P
   256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K18DQ-10/XT AUSTIN-AS5SS256K18DQ-10/XT Datasheet
217Kb / 13P
   256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
More results

Similar Description - AS5SS128K36

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SS256K36 AUSTIN-AS5SS256K36_05 Datasheet
397Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K36 AUSTIN-AS5SS256K36 Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
logo
Alliance Semiconductor ...
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
logo
Austin Semiconductor
AS5SS256K18 AUSTIN-AS5SS256K18 Datasheet
217Kb / 13P
   256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
logo
Cypress Semiconductor
CY7C1361A CYPRESS-CY7C1361A Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
logo
Austin Semiconductor
AS5SS256K18 AUSTIN-AS5SS256K18_05 Datasheet
141Kb / 13P
   256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS512K36 AUSTIN-AS5SS512K36 Datasheet
753Kb / 15P
   512K x 36 SSRAM Flow-Through SRAM No Bus Latency
logo
Cypress Semiconductor
CY7C1347D CYPRESS-CY7C1347D Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
logo
Integrated Silicon Solu...
IS61SF12832 ISSI-IS61SF12832 Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1355A CYPRESS-CY7C1355A Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com