Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8F128K32 Datasheet(PDF) 7 Page - Austin Semiconductor

Part # AS8F128K32
Description  128K x 32 FLASH FLASH MEMORY ARRAY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8F128K32 Datasheet(HTML) 7 Page - Austin Semiconductor

Back Button AS8F128K32 Datasheet HTML 3Page - Austin Semiconductor AS8F128K32 Datasheet HTML 4Page - Austin Semiconductor AS8F128K32 Datasheet HTML 5Page - Austin Semiconductor AS8F128K32 Datasheet HTML 6Page - Austin Semiconductor AS8F128K32 Datasheet HTML 7Page - Austin Semiconductor AS8F128K32 Datasheet HTML 8Page - Austin Semiconductor AS8F128K32 Datasheet HTML 9Page - Austin Semiconductor AS8F128K32 Datasheet HTML 10Page - Austin Semiconductor AS8F128K32 Datasheet HTML 11Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
FLASH
FLASH
FLASH
FLASH
FLASH
AS8F128K32
Austin Semiconductor, Inc.
AS8F128K32
Rev. 2.0 5/03
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
7
Chip Erase Command Sequence
Chip erase is a six-bus-cycle operation. The chip erase
command sequence is initiated by writing two unlock cycles,
followed by a set-up command. Two additional unlock write
cycles are then followed by the chip erase command, which in
turn invokes the Embedded Erase algorithm. The device does
not require the system to preprogram prior to erase. The
Embedded Erase algorithm automatically preprograms and
verifies the entire memory for an all zero data pattern prior to
electrical erase. The system is not required to provide any
controls or timings during these operations. The Command
Definitions table shows the address and data requirements for
the chip erase command sequence.
Any commands written to the chip during the Embedded
Erase algorithm are ignored.
The system can determine the status of the erase
operation by using I/O7 or I/O6. See “Write Operation Status”
for information on these status bits. When the Embedded Erase
algorithm is complete, the device returns to reading array data
and addresses are no longer latched.
Figure 2 illustrates the algorithm for the erase operation.
See the Erase/Program Operations tables in “AC
Characteristics” for parameters, and to the Chip/Sector Erase
Operation Timings for timing waveforms.
Sector Erase Command Sequence
Sector erase is a six bus cycle operation. The sector erase
command sequence is initiated by writing two unlock cycles,
followed by a set-up command. Two additional unlock write
cycles are then followed by the address of the sector to be
erased, and the sector erase command. The Command Defini-
tions table shows the address and data requirements for the
sector erase command sequence.
The device does not require the system to preprogram the
memory prior to erase. The Embedded Erase algorithm
automatically programs and verifies the sector for an all zero
data pattern prior to electrical erase. The system is not required
to provide any controls or timings during these operations.
After the command sequence is written, a sector erase time-
out of 50 ms begins. During the time-out period, additional
sector addresses and sector erase commands may be written.
Loading the sector erase buffer may be done in any sequence,
and the number of sectors may be from one sector to all sectors.
The time between these additional cycles must be less than
50 ms, otherwise the last address and command might not be
accepted, and erasure may begin. It is recommended that
processor interrupts be disabled during this time to ensure all
commands are accepted. The interrupts can be re-enabled after
the last Sector Erase command is written. If the time between
additional sector erase commands can be assumed to be less
than 50 ms, the system need not monitor I/O3*. Any command
during the time-out period resets the device to reading array
data. The system must rewrite the command sequence and any
additional sector addresses and commands.
The system can monitor I/O3* to determine if the sector
erase timer has timed out. (See the “I/O3*: Sector Erase Timer”
section.) The time-out begins from the rising edge of the final
WE# pulse in the command sequence.
Once the sector erase operation has begun, all other
commands are ignored.
When the Embedded Erase algorithm is complete, the
device returns to reading array data and addresses are no longer
latched. The system can determine the status of the erase
operation by using I/O7 or I/O6. Refer to “Write Operation
Status” for information on these status bits.
Figure 2 illustrates the algorithm for the erase operation.
Refer to the Erase/Program Operations tables in the “AC
Characteristics” section for parameters, and to the Sector Erase
Operations Timing diagram for timing waveforms.
FIGURE 1: Program Operation
NOTE: See the appropriate Command Definitions table for program
command sequence.
*NOTE: applies to every 8th byte (i.e. I/O3, I/O11, I/O19, I/O27)


Similar Part No. - AS8F128K32

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8F128K32 AUSTIN-AS8F128K32 Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
logo
Micross Components
AS8F128K32 MICROSS-AS8F128K32 Datasheet
560Kb / 22P
   Supports Full Chip Erase
logo
Austin Semiconductor
AS8F128K32Q-120/883C AUSTIN-AS8F128K32Q-120/883C Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
AS8F128K32Q-120/IT AUSTIN-AS8F128K32Q-120/IT Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
AS8F128K32Q-120/Q AUSTIN-AS8F128K32Q-120/Q Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
More results

Similar Description - AS8F128K32

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8F128K32 AUSTIN-AS8F128K32_07 Datasheet
1Mb / 22P
   128K x 32 FLASH FLASH MEMORY ARRAY
AS8F512K32 AUSTIN-AS8F512K32_07 Datasheet
296Kb / 23P
   512K x 32 FLASH FLASH MEMORY ARRAY
AS8F512K32 AUSTIN-AS8F512K32_03 Datasheet
242Kb / 12P
   512K x 32 FLASH FLASH MEMORY ARRAY
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
   128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
AS8E128K32 AUSTIN-AS8E128K32 Datasheet
396Kb / 13P
   128K x 32 EEPROM Memory Array
AS8F1M32 AUSTIN-AS8F1M32 Datasheet
280Kb / 10P
   1M x 32 FLASH FLASH MEMORY MODULE
AS8F2M32 AUSTIN-AS8F2M32 Datasheet
390Kb / 12P
   2M x 32 FLASH FLASH MEMORY MODULE
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com