Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8S128K32 Datasheet(PDF) 5 Page - Austin Semiconductor

Part # AS8S128K32
Description  128K x 32 SRAM SRAM MEMORY ARRAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8S128K32 Datasheet(HTML) 5 Page - Austin Semiconductor

  AS8S128K32_03 Datasheet HTML 1Page - Austin Semiconductor AS8S128K32_03 Datasheet HTML 2Page - Austin Semiconductor AS8S128K32_03 Datasheet HTML 3Page - Austin Semiconductor AS8S128K32_03 Datasheet HTML 4Page - Austin Semiconductor AS8S128K32_03 Datasheet HTML 5Page - Austin Semiconductor AS8S128K32_03 Datasheet HTML 6Page - Austin Semiconductor AS8S128K32_03 Datasheet HTML 7Page - Austin Semiconductor AS8S128K32_03 Datasheet HTML 8Page - Austin Semiconductor AS8S128K32_03 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS8S128K32
Austin Semiconductor, Inc.
AS8S128K32
Rev. 4.0 5/03
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
7. At any given temperature and voltage condition,
t
HZCE, is less than tLZCE, and tHZWE is less than tLZWE.
8. ?W/E is HIGH for READ cycle.
9. Device is continuously selected. Chip enables and output
enable are held in their active state.
10. Address valid prior to or coincident with latest occurring
chip enable.
11. t
RC= READ cycle time.
12. Chip enable (?C/E) and write enable (?W/E) can initiate and
terminate a WRITE cycle.
13. 32 bit operation
NOTES
1. All voltages referenced to V
SS (GND).
2. -3v for pulse width <20ns.
3. ICC is dependent on output loading and cycle rates.
The specified value applies with the outputs
4. This parameter is sampled.
5. Test conditions as specified with output loading as
shown in Fig. 1 unless otherwise noted.
6. t
HZCE, tHZOE and tHZWE are specified with CL= 5pF
as in Fig. 2. Transition is measured +/- 200 mV
typical from steady state coltage, allowing for actual
tester RC time constant.
open, and f=
HZ.
tRC(MIN)
1
LOW V
CC DATA RETENTION WAVEFORM
tR
tCDR
DATA RETENTION MODE
DATA RETENTION MODE
VDR
VDR
Vcc
CE\
4.5V
4.5V
>2V
V
IH
V
IL
DATA RETENTION ELECTRICAL CHARACTERISTICS
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
NOTES
VCC for Retention Data
VDR
2--
V
CE\ > VCC - 0.2V
VCC = 2.0V
ICCDR
--
6
mA
VIN > VCC - 0.2V
VCC = 3V
ICCDR
--
11.6
mA
Chip Deselect to Data
Retention Time
tCDR
0--
ns
4
Operation Recovery Time
tR
tRC
ns
4, 11
Data Retention Current
CONDITIONS


Similar Part No. - AS8S128K32_03

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8S128K32 AUSTIN-AS8S128K32_05 Datasheet
247Kb / 12P
   128K x 32 SRAM SRAM MEMORY ARRAY
More results

Similar Description - AS8S128K32_03

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8S128K32 AUSTIN-AS8S128K32_05 Datasheet
247Kb / 12P
   128K x 32 SRAM SRAM MEMORY ARRAY
AS8SLC128K32 AUSTIN-AS8SLC128K32 Datasheet
138Kb / 10P
   128K x 32 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32 Datasheet
244Kb / 11P
   128K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_03 Datasheet
187Kb / 13P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8SLC512K32 AUSTIN-AS8SLC512K32 Datasheet
241Kb / 12P
   512K x 32 SRAM SRAM Memory Array MCM
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
   128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
logo
Aeroflex Circuit Techno...
UT8R128K32 AEROFLEX-UT8R128K32 Datasheet
274Kb / 22P
   UT8R128K32 128K x 32 SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
MT5C6401 AUSTIN-MT5C6401 Datasheet
132Kb / 10P
   64K x 1 SRAM SRAM MEMORY ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com