Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8S512K32A Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS8S512K32A
Description  512K x 32 SRAM SRAM MEMORY ARRAY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8S512K32A Datasheet(HTML) 1 Page - Austin Semiconductor

  AS8S512K32A Datasheet HTML 1Page - Austin Semiconductor AS8S512K32A Datasheet HTML 2Page - Austin Semiconductor AS8S512K32A Datasheet HTML 3Page - Austin Semiconductor AS8S512K32A Datasheet HTML 4Page - Austin Semiconductor AS8S512K32A Datasheet HTML 5Page - Austin Semiconductor AS8S512K32A Datasheet HTML 6Page - Austin Semiconductor AS8S512K32A Datasheet HTML 7Page - Austin Semiconductor AS8S512K32A Datasheet HTML 8Page - Austin Semiconductor AS8S512K32A Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS8S512K32
& AS8S512K32A
Austin Semiconductor, Inc.
AS8S512K32 & AS8S512K32A
Rev. 5.0 5/03
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
CS
CS
CS
CS
\
GENERAL DESCRIPTION
The Austin Semiconductor, Inc. AS8S512K32 and
AS8S512K32A are 16 Megabit CMOS SRAM Modules organized as
512Kx32 bits. These devices achieve high speed access, low power
consumption and high reliability by employing advanced CMOS
memory technology.
This military temperature grade product is ideally suited for
military and space applications.
FEATURES
Operation with single 5V supply
High speed: 12, 15, 17, 20, 25 and 35ns
Built in decoupling caps for low noise
Organized as 512Kx32 , byte selectable
Low power CMOS
TTL Compatible Inputs and Outputs
Future offerings
3.3V Power Supply
OPTIONS
MARKINGS
• Operating Temperature Ranges
Military (-55oC to +125oC)
XT
Industrial (-40oC to +85oC)
IT
• Timing
12ns
-12
15ns
-15
17ns
-17
20ns
-20
25ns
-25
35ns
-35
45ns
-45
55ns
-55
• Package
Ceramic Quad Flatpack
Q
No.702
Ceramic Quad Flatpack
Q1
Pin Grid Array
P
No.904
• Low Power Data Retention Mode
L
• Pinout
Military
(no indicator)
Commercial
A*
*(available with Q package only)
PIN ASSIGNMENT
(Top View)
AVAILABLE AS MILITARY
SPECIFICATIONS
SMD 5962-94611 (Military Pinout)
MIL-STD-883
68 Lead CQFP (Q)
Military SMD Pinout Option
512K x 32 SRAM
SRAM MEMORY ARRAY
For more products and information
please visit our web site at
www.austinsemiconductor.com
68 Lead CQFP
Commercial Pinout Option (A)
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
I/O17
I/O18
I/O19
Vss
I/O20
I/O21
I/O22
I/O23
Vcc
I/O24
I/O25
I/O26
I/O27
Vss
I/O28
I/O29
I/O30
I/O 14
I/O 13
I/O 12
Vss
I/O 11
I/O 10
I/O 9
I/O 8
Vcc
I/O 7
I/O 6
I/O 5
I/O 4
Vss
I/O 3
I/O 2
I/O 1
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
GND
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
I/O 16
I/O 17
I/O 18
I/O 19
I/O 20
I/O 21
I/O 22
I/O 23
GND
I/O 24
I/O 25
I/O 26
I/O 27
I/O 28
I/O 29
I/O 30
I/O 31
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
66 Lead PGA (P)
Military SMD Pinout


Similar Part No. - AS8S512K32A

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8S512K32A AUSTIN-AS8S512K32A Datasheet
227Kb / 12P
   SRAM
AS8S512K32A AUSTIN-AS8S512K32A Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32AP-12/IT AUSTIN-AS8S512K32AP-12/IT Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32AP-12/Q AUSTIN-AS8S512K32AP-12/Q Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32AP-12/SPACE AUSTIN-AS8S512K32AP-12/SPACE Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
More results

Similar Description - AS8S512K32A

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8SLC512K32 AUSTIN-AS8SLC512K32 Datasheet
241Kb / 12P
   512K x 32 SRAM SRAM Memory Array MCM
AS5C4008 AUSTIN-AS5C4008_05 Datasheet
117Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32 Datasheet
244Kb / 11P
   128K x 32 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32_05 Datasheet
247Kb / 12P
   128K x 32 SRAM SRAM MEMORY ARRAY
AS8SLC128K32 AUSTIN-AS8SLC128K32 Datasheet
138Kb / 10P
   128K x 32 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32_03 Datasheet
242Kb / 12P
   128K x 32 SRAM SRAM MEMORY ARRAY
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
   128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com