Part Name
         Description
MT5C1008LL

 128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER ( 10 Page)


AUSTIN
100% 
Zoom Out Zoom In
 
 4 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
MT5C1008(LL)
Ultra Low Power
Austin Semiconductor, Inc.
MT5C1008(LL)
Rev. 1.0 7/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
AC TEST LOADS AND WAVEFORMS
CAPACITANCE1
PARAMETER
CONDITIONS
SYM
MAX
UNITS
Input Capacitance (A0 - A16)
CIN
8pF
Input Capacitance (CE\, WE\, OE\)
CCLK
10
pF
Output Capacitance
COUT
12
pF
TA = 25°C, f = 1MHz,
Vcc = 5.0V
DATA RETENTION CHARACTERISTICS (-55oC < T
C < 125
oC; V
CC = 5.0V +10%)
PARAMETER
CONDITIONS
SYM
MIN
MAX
UNITS
Vcc for Data Retention
VDR
2.0
V
Data Retention Current
ICCDR
150
µA
Chip Deselect to Data Retention Time
tCDR
0ns
Operation Recovery Time
tR
200
µs
0.2V, Vcc = VDR = 2.0V,
CE1\ > Vcc - 0.3V or CE2 < 0.3V,
VIN > Vcc - 0.3V or VIN < 0.3V
NOTES:
1. Tested initially and after any design or process changes that may effect these parameters.
DATA RETENTION WAVEFORM
1  2  3  4  5  6  7  8  9  10 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MT5C1008128K x 8 SRAM WITH DUAL CHIP ENABLE AVAILABLE AS MILITARY SPECIFICATIONS 1 2 3 4 5 MoreAustin Semiconductor
WS628128VERY LOW POWER / VOLTAGE COMS SRAM 128K X 8 BIT 1 2 3 4 5 MoreWing Shing Computer Components
CC1010Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller 1 2 3 4 5 MoreTexas Instruments
ISL1208_06Low Power RTC with Battery Backed SRAM 1 2 3 4 5 MoreIntersil Corporation
IS62LV12816BLL128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
ADCMP670_07Dual Low Power 1.5% Comparator With 400 mV Reference 1 2 3 4 5 MoreAnalog Devices
LMV7235_0645 nsec Ultra Low Power Low Voltage Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output 1 2 3 4 5 MoreNational Semiconductor
EL5162_07500MHz Low Power Current Feedback Amplifiers with Enable 1 2 3 4 5 MoreIntersil Corporation
ISL12020Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Day Light Saving 1 2 3 4 5 MoreIntersil Corporation
LMX2485_061050 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum™ Frequency Synthesizers with 800 MHz Integer PLL 1 2 3 4 5 MoreNational Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl