Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3E13ZPA Datasheet(PDF) 1 Page - MTRONPTI

Part # M3E13ZPA
Description  14 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M3E13ZPA Datasheet(HTML) 1 Page - MTRONPTI

  M3E13ZPA Datasheet HTML 1Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Revision: 11-21-06
M3E Series
14 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
Pin Connections


Similar Part No. - M3E13ZPA

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M3E13ZPA MTRONPTI-M3E13ZPA Datasheet
213Kb / 1P
   14 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
More results

Similar Description - M3E13ZPA

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M3E MTRONPTI-M3E Datasheet
213Kb / 1P
   14 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
M3EH MTRONPTI-M3EH Datasheet
214Kb / 1P
   8 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
M3EH_0611 MTRONPTI-M3EH_0611 Datasheet
188Kb / 1P
   8 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
ME MTRONPTI-ME_07 Datasheet
256Kb / 1P
   14 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillator
ME11XAA MTRONPTI-ME11XAA Datasheet
190Kb / 1P
   14 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillator
MHO3 MTRONPTI-MHO3 Datasheet
251Kb / 2P
   14 pin DIP, 3.3 Volt, HCMOS/TTL, Clock Oscillator
MHO3 MTRONPTI-MHO3_07 Datasheet
326Kb / 1P
   14 pin DIP, 3.3 Volt, HCMOS/TTL, Clock Oscillator
logo
Crystek Corporation
CCP-050 CRYSTEKCRYSTAL-CCP-050 Datasheet
108Kb / 1P
   14 Pin Dip, 5V, PECL PECL Clock Oscillator
CCP-033 CRYSTEKCRYSTAL-CCP-033 Datasheet
109Kb / 1P
   14 Pin Dip, 3.3V, PECL PECL Clock Oscillator
logo
MTRONPTI
MEH MTRONPTI-MEH Datasheet
217Kb / 1P
   8 pin DIP, 5.0 Volt, ECL, PECL, Clock Oscillators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com