Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD3755AH Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCD3755AH
Description  8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3755AH Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCD3755AH Datasheet HTML 5Page - NXP Semiconductors PCD3755AH Datasheet HTML 6Page - NXP Semiconductors PCD3755AH Datasheet HTML 7Page - NXP Semiconductors PCD3755AH Datasheet HTML 8Page - NXP Semiconductors PCD3755AH Datasheet HTML 9Page - NXP Semiconductors PCD3755AH Datasheet HTML 10Page - NXP Semiconductors PCD3755AH Datasheet HTML 11Page - NXP Semiconductors PCD3755AH Datasheet HTML 12Page - NXP Semiconductors PCD3755AH Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
1997 Apr 16
9
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator,
8 kbytes OTP and 128 bytes EEPROM
PCD3755A; PCD3755E;
PCD3755F
6.2
Melody output (P1.7/MDY)
The melody output (P1.7/MDY) is very useful for
generating musical tones when a purely sinusoidal signal
is not required, such as for ringer applications.
The square wave (duty cycle = 12
23 or 52%) will include
the attenuated harmonics of the base frequency, which is
defined by the contents of the HGF register (Table 3).
However, even higher frequency tones may be produced
since the low-pass filtering on the TONE output is not
applied to the P1.7/MDY output. This results in the
minimum decimal value x in the HGF register being 2 for
the P1.7/MDY output, rather than 60 for the TONE output
- the value shown in equation (1). A sinusoidal TONE
output is produced at the same time as the melody square
wave, but due to the filtering, the higher frequency sine
waves with x < 60 will not appear at the TONE output.
Since the melody output is shared with P1.7, the port
flip-flop of P1.7 has to be set HIGH before using the
melody output. This is to avoid conflicts between melody
and port outputs. The melody output drive depends on the
configuration of port P1.7/MDY; see Chapter 14, Table 24.
6.3
Frequency registers
The two frequency registers HGF and LGF define two
frequencies. From these, the digital sine synthesizers
together with the Digital-to-Analog Converters (DACs)
construct two sine waves. Their amplitudes are precisely
scaled according to the bandgap voltage reference. This
ensures tone output levels independent of supply voltage
and temperature.
The amplitude of the Low group frequency sine wave is
attenuated by 2 dB compared to the amplitude of the High
group frequency sine wave. The two sine waves are
summed and then filtered by an on-chip switched
capacitor and RC low-pass filters. These guarantee that all
DTMF tones generated fulfil the CEPT recommendations
with respect to amplitude, frequency deviation, total
harmonic distortion and suppression of unwanted
frequency components.
The value 00H in a frequency register stops the
corresponding digital sine synthesizer. If both frequency
registers contain 00H, the whole frequency generator is
shut off, resulting in lower power consumption.
The frequency of the sine wave generated ‘f’ is dependent
on the clock frequency ‘fxtal’ and the decimal value ‘x’ held
in the frequency registers (HGF and LGF). The variables
are related by the equation:
(1)
The frequency limitation given by x
≥ 60 is due to the
low-pass filters which would attenuate higher frequency
sine waves.
f
f
xtal
23 x
2
+
()
[]
---------------------------------
=
where
60
x
255
≤≤


Similar Part No. - PCD3755AH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3745 PHILIPS-PCD3745 Datasheet
156Kb / 32P
   8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
1999 Feb 02
PCD3745A PHILIPS-PCD3745A Datasheet
156Kb / 32P
   8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
1999 Feb 02
PCD3745AH PHILIPS-PCD3745AH Datasheet
156Kb / 32P
   8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
1999 Feb 02
PCD3745AP PHILIPS-PCD3745AP Datasheet
156Kb / 32P
   8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
1999 Feb 02
PCD3745AT PHILIPS-PCD3745AT Datasheet
156Kb / 32P
   8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
1999 Feb 02
More results

Similar Description - PCD3755AH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA3351C PHILIPS-PCA3351C Datasheet
155Kb / 36P
   8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
1999 Oct 28
PCA3354C PHILIPS-PCA3354C Datasheet
221Kb / 32P
   8-bit microcontrollers with DTMF generator and 256 bytes EEPROM
1996 Dec 18
PCD3359A PHILIPS-PCD3359A Datasheet
165Kb / 32P
   8-bit microcontroller with DTMF generator and 128 bytes EEPROM
1998 May 11
PCD3350A PHILIPS-PCD3350A Datasheet
204Kb / 36P
   8-bit microcontroller with DTMF generator, 256 bytes EEPROM and real-time clock
1996 Dec 18
logo
National Semiconductor ...
COP8SE NSC-COP8SE Datasheet
491Kb / 47P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
logo
NXP Semiconductors
PCD3349A PHILIPS-PCD3349A Datasheet
141Kb / 20P
   8-bit microcontroller with DTMF generator
1998 May 11
PCD3344A PHILIPS-PCD3344A Datasheet
1Mb / 17P
   8-BIT MICROCONTROLLER WITH DTMF GENERATOR
1996 May 09
logo
Holtek Semiconductor In...
HT48R50-1 HOLTEK-HT48R50-1 Datasheet
2Mb / 48P
   8-bit OTP Microcontrollers
HT48R31-1 HOLTEK-HT48R31-1 Datasheet
2Mb / 46P
   8-bit OTP Microcontrollers
logo
STMicroelectronics
STM8S003K3 STMICROELECTRONICS-STM8S003K3 Datasheet
956Kb / 100P
   Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com