Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP133-SN-W Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP133-SN-W
Description  300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP133-SN-W Datasheet(HTML) 1 Page - Diodes Incorporated

  AP133-SN-W Datasheet HTML 1Page - Diodes Incorporated AP133-SN-W Datasheet HTML 2Page - Diodes Incorporated AP133-SN-W Datasheet HTML 3Page - Diodes Incorporated AP133-SN-W Datasheet HTML 4Page - Diodes Incorporated AP133-SN-W Datasheet HTML 5Page - Diodes Incorporated AP133-SN-W Datasheet HTML 6Page - Diodes Incorporated AP133-SN-W Datasheet HTML 7Page - Diodes Incorporated AP133-SN-W Datasheet HTML 8Page - Diodes Incorporated AP133-SN-W Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AP133
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
1 of 14
MAY 2007
www.diodes.com
© Diodes Incorporated
300mA Low Dropout Regulator with EN
Very low IQ: 40µA
Wide input voltage range: 2V – 6V
Adjustable output: 1V – 5V
High PSRR: 65dB at 1kHz
Ultra-fast start-up time: 25µs
Stable with low ESR, 1µF ceramic output capacitor
Excellent Load/Line Transient Response
Low dropout: 350mV at 300mA
Current limit protection
Short circuit protection
Thermal shutdown protection
Ambient temperature range: -40ºC to 85°C
SOT25 and DFN2020-6 (Preview): Available in
“Green” Molding Compound (No Br, Sb)
The AP133 is a 300mA, adjustable output voltage, low dropout
linear regulator. The device included pass element, error
amplifier, band-gap, current limit and thermal shutdown circuitry.
The device is turned on when EN pin is set to logic high level.
The characteristics of low dropout voltage and less quiescent
current make it good for low power applications, for example,
battery powered devices. The typical quiescent current is
approximately 40μA from zero to maximum load.
Built-in current-limit and thermal-shutdown functions prevent IC
from damage in fault conditions.
The AP133 is available in SOT25 and DFN2020-6 (preview)
package.
Cellular Phones
Smart Phones, PDAs
MP3/MP4
Bluetooth head set
Low power application
A P 1 3 3 - X X X
Packing
Package
Lead Free
W : SOT25
G : Green
-7 : Taping
SN : DFN2020-6
Note:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Note:
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
Description
Applications
Ordering Information
7” Tape and Reel
Device
Package Code
Packaging
(Note 2)
Quantity
Part Number Suffix
AP133-W
W
SOT25
3000/Tape & Reel
-7
AP133-SN
SN
DFN2020-6
3000/Tape & Reel
-7


Similar Part No. - AP133-SN-W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP133-SNG-7 DIODES-AP133-SNG-7 Datasheet
415Kb / 15P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
AP133 Rev. 6
More results

Similar Description - AP133-SN-W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
   300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7333 Rev. 2
AP7335 DIODES-AP7335 Datasheet
237Kb / 18P
   300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
   300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP7332-1218FM-7 DIODES-AP7332-1218FM-7 Datasheet
298Kb / 18P
   DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR1112 UTC-LR1112 Datasheet
181Kb / 6P
   LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7331 DIODES-AP7331 Datasheet
372Kb / 13P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT
DS31914 Rev. 3 - 2
AP7366EA DIODES-AP7366EA Datasheet
1Mb / 17P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev. 1 - 2 July 2022
logo
Zhaoxingwei Electronics...
ZX7365 ZHAOXINGWEI-ZX7365 Datasheet
1Mb / 12P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com