Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83C5134 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT83C5134
Description  8-bit Microcontroller with Full Speed USB Device
Download  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5134 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT83C5134 Datasheet HTML 1Page - ATMEL Corporation AT83C5134 Datasheet HTML 2Page - ATMEL Corporation AT83C5134 Datasheet HTML 3Page - ATMEL Corporation AT83C5134 Datasheet HTML 4Page - ATMEL Corporation AT83C5134 Datasheet HTML 5Page - ATMEL Corporation AT83C5134 Datasheet HTML 6Page - ATMEL Corporation AT83C5134 Datasheet HTML 7Page - ATMEL Corporation AT83C5134 Datasheet HTML 8Page - ATMEL Corporation AT83C5134 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 171 page
background image
3
AT83C5134/35/36
7683B–USB–03/07
Block Diagram
* EEPROM only available in MLF48
Notes:
1. Alternate function of Port 1
2. Alternate function of Port 3
3. Alternate function of Port 4
Timer 0
INT
RAM
256x8
WR
RD
EA
PSEN
ALE
XTAL2
XTAL1
EUART
CPU
Timer 1
Ctrl
(2)
(2)
C51
CORE
(2) (2)
(2) (2)
Port 0Port 1 Port 2 Port 3
Parallel I/O Ports & Ext. Bus
ERAM
1Kx8
PCA
Watch
Dog
(2)
(2)
(1)
(1)
Timer2
(1) (1)
Port 4
32Kx8 ROM
+
BRG
USB
Key
Board
EEPROM*
1Kx8
SPI
(1) (1) (1) (1)
TWI
TWI interface


Similar Part No. - AT83C5134

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C5134 ATMEL-AT83C5134_14 Datasheet
1Mb / 166P
   Integrated Power Monitor (POR/PFD) to Supervise Internal Power Supply
More results

Similar Description - AT83C5134

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C5130A-M ATMEL-AT89C5130A-M_08 Datasheet
1Mb / 188P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L Datasheet
2Mb / 184P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L_07 Datasheet
1Mb / 186P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5130A-M ATMEL-AT89C5130A-M_06 Datasheet
2Mb / 186P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131 ATMEL-AT89C5131 Datasheet
2Mb / 176P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L_06 Datasheet
2Mb / 185P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5130A-M ATMEL-AT89C5130A-M Datasheet
2Mb / 184P
   8-bit Flash Microcontroller with Full Speed USB Device
logo
NEC
UPD78F0730MC-CAB-AX NEC-UPD78F0730MC-CAB-AX Datasheet
426Kb / 2P
   8-Bit Microcontroller with Full-Speed USB 2.0
logo
Sanyo Semicon Device
LC87F1A32A SANYO-LC87F1A32A_09 Datasheet
181Kb / 26P
   8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1M16A SANYO-LC87F1M16A Datasheet
199Kb / 32P
   8-bit 1-chip Microcontroller with Full-Speed USB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com